Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81147MNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP81147MNTXG
Description  Precise Low Voltage Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81147MNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP81147MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 10Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 11Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP81147
www.onsemi.com
8
VSEN
VTH
LG
BUFFER
VPU
Figure 4. PreOVP circuit
Vin Detection
During the soft start after the VSEN pin exceeds 80% Vref,
UV protection will be enabled; If a UV fault is triggered in
the softstart, it will restart SS after a fixed delay. The UV
protection is to avoid IC to startup without Vin or with
insufficient Vin voltage.
Overcurrent Protection
NCP81147 measures the differential current sensing
signal through CSP and CSN/VO pin. There are two current
protection levels: OCP1 and OCP2. If the differential
voltage across pin CSP and CSN/VO is over 20 mV (but
below 30 mV) for four consecutive cycles, OCP1 will be
tripped. Both UG and LG will be forced to low to turn off the
high side and low side FETs, it is a latched condition; If the
differential voltage across pin CSP and CSN is over 30 mV,
OCP2 will be tripped, the UG and LG will be pulled low and
latched immediately. Toggling VCC power or EN will reset
the Overcurrent protection.
The current sensing R/C network should be selected to
match the inductor time constant as below,
(RCS1
RCS2)
@ C + L
DCR
(Notes: the actual RC network time constant may be
slightly higher)
Thus, OCP1 and OCP2 levels can be configured as,
OCP1
+
20 mV
DCR
@ RCS1 ) RCS2
RCS2
OCP2
+
30 mV
DCR
@ RCS1 ) RCS2
RCS2


Similar Part No. - NCP81147MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81147 ONSEMI-NCP81147 Datasheet
117Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2014 ??Rev. 0
More results

Similar Description - NCP81147MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81147 ONSEMI-NCP81147 Datasheet
117Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2014 ??Rev. 0
NCP81042 ONSEMI-NCP81042 Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81230H ONSEMI-NCP81230H Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP5230MNTWG ONSEMI-NCP5230MNTWG Datasheet
158Kb / 12P
   Precise Low Voltage Synchronous Buck
January, 2013 ??Rev. 1
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com