Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81147MNTXG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP81147MNTXG
Description  Precise Low Voltage Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81147MNTXG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP81147MNTXG Datasheet HTML 1Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81147MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP81147
www.onsemi.com
3
RF1
JP3
ETCH
1
2
CH1
Q3
1
RVFB1
RFB2
RSEN1
RNTC1
RFB3
CF1
ENABLE
VCCP
RS2
VOUT
CSEN1
CFB2
RS1
LOUT1
Q4
1
VIN
CBOOT1
+ COUT1
VCC
R2
R1
NCP81147
BOOT
4
COMP
8
LG
2
LX
3
UG
5
CSP
13
CSN/VO
12
VCCP
1
PGOOD
6
SYNC
7
FBG
11
FB
9
SYNC
PGOOD
Figure 2. Typical Application Circuit
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
VMAX
VMIN
Unit
Controller Power Supply Voltages to GND
VCC, VCCP
15
−0.3
V
Boost Supply Voltage Input
BOOT
35V wrt/GND
40 V <100 ns
wrt/GND
15 wrt/LX
−0.3
V
High−Side Driver Output
(Top Gate)
UG
35
40 V
≤ 50 ns
wrt/GND
15 wrt/LX
−0.3 wrt/LX
−5 V < 200 ns
V
Switching Node
(Bootstrap Supply Return)
LX
35
40 < 100 ns
−5
−10 V < 200 ns
V
Low−Side Driver Output
(Bottom Gate)
LG
15
−0.3
−5 V < 200 ns
V
All Other Pins
6
−0.3, −1 V < 1
ms
V
PGOOD
PGOOD
7
−0.3, −1 V < 1
ms
V
SYNC
SYNC
7
−0.3, −1 V < 1
ms
V
Current Sense Amplifier
CSP, CSN/VO with
VCC = 12 V
10
−0.3, −1 V < 1
ms
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
*All signals referenced to GND unless noted otherwise.


Similar Part No. - NCP81147MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81147 ONSEMI-NCP81147 Datasheet
117Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2014 ??Rev. 0
More results

Similar Description - NCP81147MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81147 ONSEMI-NCP81147 Datasheet
117Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2014 ??Rev. 0
NCP81042 ONSEMI-NCP81042 Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81230H ONSEMI-NCP81230H Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP5230MNTWG ONSEMI-NCP5230MNTWG Datasheet
158Kb / 12P
   Precise Low Voltage Synchronous Buck
January, 2013 ??Rev. 1
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com