Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81174 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP81174
Description  4/3/2-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81174 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP81174_16 Datasheet HTML 1Page - ON Semiconductor NCP81174_16 Datasheet HTML 2Page - ON Semiconductor NCP81174_16 Datasheet HTML 3Page - ON Semiconductor NCP81174_16 Datasheet HTML 4Page - ON Semiconductor NCP81174_16 Datasheet HTML 5Page - ON Semiconductor NCP81174_16 Datasheet HTML 6Page - ON Semiconductor NCP81174_16 Datasheet HTML 7Page - ON Semiconductor NCP81174_16 Datasheet HTML 8Page - ON Semiconductor NCP81174_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP81174
www.onsemi.com
5
PIN DESCRIPTION
Pin
Name
Description
1
VIDBUF
VID PWM pulse output from an internal buffer.
2
VID
Voltage ID from processor.
3
VR_RDY
Power good indicator.
4
EN
Chip enable.
5
PSI
Power saving control. Three levels.
6
12VMON
12 V input power rail monitor. It is a divided down voltage from the input power rail, should be kept to less
than 4 V at all time.
7
ROSC
A resistance from this pin to ground programs the oscillator frequency.
8
ILIM
Over current shutdown threshold setting.
9
VSP
Non−inverting input to the internal differential remote sense amplifier.
10
VSN
Inverting input to the internal differential remote sense amplifier.
11
DIFFOUT
Output of the differential remote voltage sense amplifier.
12
COMP
Output of the compensation amplifier.
13
VFB
Inverting input of the compensation error amplifier
14
VDRP
Voltage signal proportional to the total current.
15
VDFB
Current summing amplifier inverting input
16
CSSUM
Current summing output signal
17
CS1N
Inverting input to current sense amplifier, phase 1.
18
CS1
Non−inverting input to current sense amplifier, phase 1.
19
CS2N
Inverting input to current sense amplifier, phase 2.
20
CS2
Non−inverting input to current sense amplifier, phase 2.
21
CS3N
Inverting input to current sense amplifier, phase 3.
22
CS3
Non−inverting input to current sense amplifier, phase 3.
23
CS4N
Inverting input to current sense amplifier, phase 4.
24
CS4
Non−inverting input to current sense amplifier, phase 4.
25
G1
Phase 1 PWM output, 3 levels.
26
G2
Phase 2 PWM output, 3 levels.
27
G3
Phase 3 PWM output, 3 levels.
28
G4
Phase 4 PWM output, 3 levels.
29
DRVON
Gate driver enable.
30
VCC
Power supply for the chip. NCP81174 has a built−in 5 V shunt regulator, allowing it to connect to the external
12 V supply through a resistor. Do not connect a 5 V supply to VCC directly.
31
VREF
2.0 V output reference voltage. A 10 nF ceramic capacitor is recommended to connect this pin to ground.
32
REFIN
Reference voltage input for output voltage regulation.
33
FLAG
Thermal pad and analog ground, connected to system ground.


Similar Part No. - NCP81174_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174MNTXG ONSEMI-NCP81174MNTXG Datasheet
154Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
NCP81174NMNTXG ONSEMI-NCP81174NMNTXG Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results

Similar Description - NCP81174_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
NCP81174 ONSEMI-NCP81174 Datasheet
154Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com