Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81230HMNTWG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP81230HMNTWG
Description  Precise Low Voltage Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81230HMNTWG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP81230HMNTWG Datasheet HTML 3Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 4Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 5Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 6Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 7Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 8Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 9Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 10Page - ON Semiconductor NCP81230HMNTWG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP81230H
http://onsemi.com
7
Figure 3. Gate Timing Diagram
1V
1V
Switching Frequency
Connecting a resistor from ROSC/EN to an external
voltage source Vpu will configure the switching frequency.
Normal range would be 100 kHz to 1 MHz. With no resistor
connected to the pin, the oscillator frequency is 200 kHz.
The switching frequency will follow the relationship:
F
SW + 200 kHz *
Vpu * 1.240
R
OSC
@ 10
kHz
mA
(eq. 1)
When Rosc = infinity (no resistor connected), Fsw =
200 kHz; when Vpu = ground, the frequency programmed
will be higher than 200 kHz. Pulling Rosc/EN pin to ground
solidly with a less than 10 k
W resistor will result in the part
being disabled.
Soft−Start
Soft−Start will begin if VCC, VCCP are both above their
UVLO thresholds and EN pin is set free. IC initially waits
a fixed delay time and then ramps the reference in 5.12 ms
(1024 clock cycles when Rosc open) in closed−loop
regulation. After soft−start, PGOOD signal will be released
with 3 clock cycles delay.
Protection active during soft−start:
Overvoltage Protection always enabled;
Undervoltage Protection is enabled after reference
voltage ramps up to 80% of the final value. During
soft−start, a UVP fault will initiate a complete soft
restart.
Synchronization Function
Synchronize through the SYNC pin. Synchronization
function allows different converters to share the same input
filter reducing the resulting RMS current and reducing the
need for total caps to sustain the load. Synchronized systems
also exhibit higher EMI noise immunity and better
regulation.
The device synchronizes to the Falling edge of the SYNC
pin external input signal (eg. high side gate signal, switch
node signal, distribution clock signal), and locks the phase
of an internal ramp signal correspondingly with a fixed
delay time. The external signal has to sit within a 0-40%
frequency window above the local frequency configured by
the Rosc resistor to allow the synchronization function
working properly.
Power Good
The PGOOD pin is an open drain connection with no
internal pullup resistor. An active high output signals the
normal operation of the converter. PGOOD is pulled low
during soft-start cycle, and if there is an overvoltage or
undervoltage fault. If the voltage on the VSEN pin is within
±10% of Vref (0.8 V) then the PGOOD pin will not be pulled
low.
Overvoltage Protection (OV)
If the voltage on the VSEN pin exceeds the overvoltage
threshold (1000 mV or 125% Vref), the NCP81230H will
latch an overvoltage fault. During an overvoltage fault event
the UG pin will be pulled low, and the LG pin will stay high
until the voltage on the VSEN pin goes below 400 mV or
50% Vref, then a soft-bleeding resistor will be connected
from switch node to ground to continuously discharge the
output voltage softly. To clear the overvoltage fault, toggling
VCC or EN is needed.
Undervoltage Protection (UV)
If the voltage on the FB pin falls below the undervoltage
threshold
after
the
softstart
cycle
completes,
the
NCP81230H will latch an undervoltage fault. During an
undervoltage fault, both the UG and LG pins will be pulled
low. Toggling VCC power or EN will reset the undervoltage
protection.
PreOVP Protection
If the NCP81230H is powered on but not enabled, the
VSEN pin will be monitored for preOVP condition. If the
VSEN exceeds the preset threshold, the device will force LG
pin high to protect the load. The PreOVP function will be
disabled when the device is enabled and the normal OV
function will operate instead.


Similar Part No. - NCP81230HMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
NCP81231MNTXG ONSEMI-NCP81231MNTXG Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
NCP81232 ONSEMI-NCP81232 Datasheet
313Kb / 24P
   Dual-Channel/Multi-Phase Controller for DrMOS
June, 2015 ??Rev. 0
NCP81232 ONSEMI-NCP81232 Datasheet
261Kb / 24P
   Dual-Channel/Multi-Phase Controller
September, 2016 ??Rev. 1
NCP81232MNTXG ONSEMI-NCP81232MNTXG Datasheet
261Kb / 24P
   Dual-Channel/Multi-Phase Controller
September, 2016 ??Rev. 1
More results

Similar Description - NCP81230HMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81147 ONSEMI-NCP81147 Datasheet
117Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2014 ??Rev. 0
NCP81042 ONSEMI-NCP81042 Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81147 ONSEMI-NCP81147_16 Datasheet
114Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2016 ??Rev. 1
NCP5230MNTWG ONSEMI-NCP5230MNTWG Datasheet
158Kb / 12P
   Precise Low Voltage Synchronous Buck
January, 2013 ??Rev. 1
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com