Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81245MNTXG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP81245MNTXG
Description  Three-Rail Output Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81245MNTXG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP81245MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 10Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 11Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 12Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 13Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 14Page - ON Semiconductor NCP81245MNTXG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCP81245
www.onsemi.com
11
Table 4. ELECTRICAL CHARACTERISTICS
Unless otherwise stated: −40°C < TA < 100°C; 4.75 V < VCC < 5.25 V ; CVCC = 0.1mF
Parameter
Unit
Max
Typ
Min
Test Conditions
PWM OUTPUTS
Output High Voltage
Sourcing 500
mA
VCC
0.2
V
Output Mid Voltage
No Load
1.9
2.0
2.1
V
Output Low Voltage
Sinking 500
mA
0.3
V
Rise and Fall Time
CL (PCB) = 50 pF,
DVo =10% to 90% of VCC
5
ns
Tri−State Output Leakage
Gx = 2.0 V, x = 1−2, EN = Low
−1
1
mA
PHASE DETECTION
CSPX Phase Disable Voltage
4.75
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP81245MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81245MNTXG ONSEMI-NCP81245MNTXG Datasheet
286Kb / 24P
   Three-Rail Output Controller
January, 2017 ??Rev. 6
More results

Similar Description - NCP81245MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81245 ONSEMI-NCP81245_17 Datasheet
286Kb / 24P
   Three-Rail Output Controller
January, 2017 ??Rev. 6
NCP81246 ONSEMI-NCP81246_16 Datasheet
184Kb / 28P
   Three-Rail Controller
July, 2016 ??Rev. 2
NCP81248 ONSEMI-NCP81248 Datasheet
311Kb / 27P
   Three-Rail Controller
July, 2016 ??Rev. 1
NCP81246 ONSEMI-NCP81246_18 Datasheet
185Kb / 28P
   Three-Rail Controller
February, 2018 ??Rev. 6
NCP81246 ONSEMI-NCP81246 Datasheet
193Kb / 28P
   Three-Rail Controller
December, 2015 ??Rev. 0
NCP81248 ONSEMI-NCP81248_18 Datasheet
311Kb / 27P
   Three-Rail Controller Intel Proprietary Interface
February, 2018 ??Rev. 3
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com