Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-3012S-220 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-3012S-220
Description  SMD SHIELDED POWER INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-3012S-220 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-3012S-220 Datasheet HTML 1Page - Abracon Corporation ASPI-3012S-220 Datasheet HTML 2Page - Abracon Corporation ASPI-3012S-220 Datasheet HTML 3Page - Abracon Corporation ASPI-3012S-220 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASPI-3012S
ELECTRICAL SPECIFICATIONS:
SMD SHIELDED POWER INDUCTOR
FEATURES:
APPLICATIONS:
• Shielded magnetics, low radiation
• Large Terminal surface for good PCB bonding
• Low DCR, High Energy storage, suitable for large currents
• Ideal for a variety of DC-DC converter inductor applications
• Partable communication equipment
• OA equipment
• LCD, DVD, modem, set-top box
• DC/DC converters
Abracon P/N:
ASPI-3012S Series
Operating Temperature :
-40ºC to +125ºC
Storage Temperature :
-10ºC to +40ºC and 70% R.H.
t.
3.0 x 3.0 x 1.2mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 08.14.13
Visit
www.abracon.com for Terms & Conditions of Sale
Part Number
ASPI-3012S-
Inductance Code
Inductance
L Tolerance
DC Resistance
(±30%)
Saturation
Current
Temperature
Rise Current
Min. Self resonant
frequency
Inductance
Code
Units
μH
Ω
A
A
MHz
Symbol
L
N, M
DCR
Isat
Irms
SRF
ASPI-3012S-R82
0.82
N
0.030
2.05
2.47
180
R82
ASPI-3012S-1R0
1.0
N
0.040
1.87
2.20
120
1R0
ASPI-3012S-1R2
1.2
N
0.045
2.22
2.01
120
1R2
ASPI-3012S-1R5
1.5
N
0.045
1.62
2.01
110
1R5
ASPI-3012S-1R8
1.8
N
0.063
1.30
1.65
90
1R8
ASPI-3012S-2R2
2.2
N
0.075
1.20
1.55
84
2R2
ASPI-3012S-2R4
2.4
N
0.068
1.15
1.60
100
2R4
ASPI-3012S-2R7
2.7
M,N
0.085
1.14
1.48
65
2R7
ASPI-3012S-3R3
3.3
M,N
0.100
1.05
1.36
64
3R3
ASPI-3012S-3R9
3.9
M,N
0.145
1.00
1.24
61
3R9
ASPI-3012S-4R7
4.7
M,N
0.120
0.90
1.24
61
4R7
ASPI-3012S-6R8
6.8
M,N
0.190
0.75
0.98
61
6R8
ASPI-3012S-100
10
M,N
0.265
0.60
0.83
42
100
ASPI-3012S-120
12
M,N
0.345
0.48
0.73
32
120
ASPI-3012S-150
15
M,N
0.360
0.45
0.71
27
150
ASPI-3012S-180
18
M,N
0.545
0.43
0.58
25
180
ASPI-3012S-220
22
M,N
0.645
0.42
0.53
23
220
ASPI-3012S-270
27
M,N
0.870
0.35
0.47
21
270
ASPI-3012S-330
33
M,N
0.875
0.36
0.46
18
330
ASPI-3012S-360
36
M,N
0.950
0.34
0.44
18
360
ASPI-3012S-390
39
M,N
1.330
0.30
0.37
18
390
ASPI-3012S-470
47
M,N
1.450
0.27
0.35
14
470
ASPI-3012S-680
68
M,N
1.670
0.24
0.33
12
680
ASPI-3012S-820
82
M,N
2.540
0.17
0.27
12
820
ASPI-3012S-101
100
M,N
2.860
0.21
0.25
12
101
Test Conditions:
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): ZM2355 LCR meter or equivalent, 100kHz, 1Vrms
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Saturation Current (Isat): E3260B meter or equivalent
Isat: Based on inductance change (Δ L/Lo :Δ -30%)
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer
Irms: Based on temperature rise (Δ T : 40 oC TYP. )
RoHS/RoHS II Compliant


Similar Part No. - ASPI-3012S-220

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
More results

Similar Description - ASPI-3012S-220

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com