Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C3991-5IJ Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C3991-5IJ
Description  3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3991-5IJ Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C3991-5IJ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C3991-5IJ Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
10
PS8450B
04/09/01
PI6C3991
3.3V High-Speed, Low-Voltage Programmable
Skew Clock Buffer - SuperClock®
Figure8.Board-to-BoardClockDistribution
Figure 8 shows the PI6C3991 connected in series to construct a zero
skew clock distribution tree between boards. Delays of the down
stream clock buffers can be programmed to compensate for the wire
length (i.e., select negative skew equal to the wire delay) necessary
to connect them to the master clock source, approximating a zero-
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
TEST
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
System
Clock
REF
LOAD
Z0
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
TEST
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
LOAD
Z0
LOAD
LOAD
LOAD
Z0
Z0
L1
L2
L3
L4
delay clock tree. Cascaded clock buffers will accumulate low-fre-
quency jitter because of the non-ideal filtering characteristics of the
PLLfilter.Itisrecommendedthatnotmorethantwoclockbuffersbe
connected in series.


Similar Part No. - PI6C3991-5IJ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C39911 PERICOM-PI6C39911 Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
PI6C39911-2J PERICOM-PI6C39911-2J Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
PI6C39911-5J PERICOM-PI6C39911-5J Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
PI6C399111J PERICOM-PI6C399111J Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
More results

Similar Description - PI6C3991-5IJ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C39911 PERICOM-PI6C39911 Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
logo
Exar Corporation
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com