Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4703EA Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4703EA
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4703EA Datasheet(HTML) 1 Page - Texas Instruments

  OPA4703EA Datasheet HTML 1Page - Texas Instruments OPA4703EA Datasheet HTML 2Page - Texas Instruments OPA4703EA Datasheet HTML 3Page - Texas Instruments OPA4703EA Datasheet HTML 4Page - Texas Instruments OPA4703EA Datasheet HTML 5Page - Texas Instruments OPA4703EA Datasheet HTML 6Page - Texas Instruments OPA4703EA Datasheet HTML 7Page - Texas Instruments OPA4703EA Datasheet HTML 8Page - Texas Instruments OPA4703EA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
®
OPA703
OPA70
3
OPA703
OPA7
03
OPA703
OPA2703
OPA4703
OPA704
OPA2704
OPA4704
CMOS, Rail-to-Rail, I/O
OPERATIONAL AMPLIFIERS
FEATURES
q RAIL-TO-RAIL INPUT AND OUTPUT
q WIDE SUPPLY RANGE:
Single Supply: 4V to 12V
Dual Supplies:
±2 to ±6
q LOW QUIESCENT CURRENT: 160
µA
q FULL-SCALE CMRR: 90dB
q LOW OFFSET: 160
µV
q HIGH SPEED:
OPA703: 1MHz, 0.6V/
µs
OPA704: 3MHz, 3V/
µs
q MicroSIZE PACKAGES:
SOT23-5, MSOP-8, TSSOP-14
q LOW INPUT BIAS CURRENT: 1pA
APPLICATIONS
q AUTOMOTIVE APPLICATIONS:
Audio, Sensor Applications, Security Systems
q PORTABLE EQUIPMENT
q ACTIVE FILTERS
q TRANSDUCER AMPLIFIER
q TEST EQUIPMENT
q DATA ACQUISITION
DESCRIPTION
The OPA703 and OPA704 series op amps are optimized for
applications requiring rail-to-rail input and output swing.
Single, dual, and quad versions are offered in a variety of
packages. While the quiescent current is less than 200
µA per
amplifier, the OPA703 still offers excellent dynamic perfor-
mance (1MHz GBW and 0.6V/
µs SR) and unity-gain stabil-
ity. The OPA704 is optimized for gains of 5 or greater and
provides 3MHz GBW and 3V/
µs slew rate.
The OPA703 and OPA704 series are fully specified and
guaranteed over the supply range of
±2V to ±6V. Input
swing extends 300mV beyond the rail and the output swings
to within 40mV of the rail.
The single versions (OPA703 and OPA704) are available in
the MicroSIZE SOT23-5 and in the standard SO-8 surface-
mount, as well as the DIP-8 packages. Dual versions
(OPA2703 and OPA2704) are available in the MSOP-8,
SO-8, and DIP-8 packages. The quad OPA4703 and
OPA4704 are available in the TSSOP-14 and SO-14 pack-
ages. All are specified for operation from –40
°C to +85°C.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA703
OPA704
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA703
OPA704
SO-8, DIP-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2703
OPA2704
MSOP-8, SO-8, DIP-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4703
OPA4704
TSSOP-14, SO-14
AD
BC
SBOS180A – MARCH 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA4703EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4703EA BURR-BROWN-OPA4703EA Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4703EA/250 TI1-OPA4703EA/250 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/250G4 TI1-OPA4703EA/250G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/2K5 TI1-OPA4703EA/2K5 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/2K5G4 TI1-OPA4703EA/2K5G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4703EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com