Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608N106J250NB Datasheet(PDF) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # C1608N106J250NB
Description  HOTTECH CHIP CERAMIC CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

C1608N106J250NB Datasheet(HTML) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  C1608N106J250NB Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 7Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 8Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N106J250NB Datasheet HTML 9Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page:P11-P4
HOTTECH CHIP CERAMIC CAPACITORS
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Humidity and
Moisture
Resistance
Dielectric
COG/NPO
X7R/X5R
Y5V/Z5U
Permanent Moisture
T=40±2
T=21D
Relative Humidity: 93+2~3%
Resume Time: 1-2h
△C/C
≤2%
≤10%
≤20%
DF
0.03
0.05
0.07
IR
RXC>25S
RXC>25S
RXC>25S
No damage after test
T.C.
characteristics
dielectric
△C/C
T.C.
COG/NPO
±30PPM
+20
-55℃
+20
+125℃
X7R/X5R
±15
+20
-55℃
+20
+125℃
Z5U
±22%~56%
+20
+10℃
+20
+85℃
Y5V
±22%~82%
+20
-25℃
+20
+85℃
Vibration
No damage after test
f=10-500Hz
0.75MM/2S
Bump
No damage after test
4000 times
Life test
dielectric
COG/NPO
X7R/X5R
Y5V/Z5U
Temperature: +125
NPO/X7R
+85℃
Y5V/Z5U
T=100 h
Resume time: 24h
△C/C
≤2%
≤±12.5%
≤±30%
DF
0.003
0.003
0. 05
IR
RXC>25S
RXC>25S
RXC>25S


Similar Part No. - C1608N106J250NB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608NP01H010C080AA TDK-C1608NP01H010C080AA Datasheet
129Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H020C080AA TDK-C1608NP01H020C080AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H030C080AA TDK-C1608NP01H030C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H040C080AA TDK-C1608NP01H040C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H050C080AA TDK-C1608NP01H050C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
More results

Similar Description - C1608N106J250NB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com