Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P131K Datasheet(PDF) 4 Page - International Rectifier

Part # P131K
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P131K Datasheet(HTML) 4 Page - International Rectifier

  P131K Datasheet HTML 1Page - International Rectifier P131K Datasheet HTML 2Page - International Rectifier P131K Datasheet HTML 3Page - International Rectifier P131K Datasheet HTML 4Page - International Rectifier P131K Datasheet HTML 5Page - International Rectifier P131K Datasheet HTML 6Page - International Rectifier P131K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P100 Series
4
Bulletin I27125 rev. A 04/99
www.irf.com
Outline Table
* To complete code refer to voltage ratings table, i.e.: for 600V P10.W complete code is P102W
Circuit"0"
Circuit"2"
Circuit"3"
Terminal Positions
Schematic diagram
diagram
SinglePhase
SinglePhase
SinglePhase
HybridBridge
HybridBridge
AllSCR
CommonCathode
Doubler
Bridge
Basic series
P10.
P12.
P13.
Withvoltage
P10.K
P12.K
P13.K
suppression
Withfree-wheeling
P10.W
-
-
diode
Withbothvoltage
suppression and
P10.KW
-
-
free-wheelingdiode
Circuit Type and Coding *
12.7 (0.50)
45 (1.77)
1.65 (0. 06)
63.5 (2.50)
Faston 6.35x0.8 (0.25x 0.03)
12.7 (0.50)
33.8 (1.33)
48.7 (1.91)
All dimensions in millimeters (inches)
(-)
G1
G2
AC1
AC2
(+)
(-)
G2
AC1
AC2
G1
(+)
AC2
(-)
AC1
G1
G2
G3
G4
(+)


Similar Part No. - P131K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P131 IRF-P131 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P131 VISHAY-P131 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
Tripp Lite. All Rights ...
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
   HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
P131-000-A TRIPPLITE-P131-000-A Datasheet
175Kb / 2P
   Compact HDMI to VGA Adapter with Audio (M/F), 1920 x 1200 (1080p) @ 60 Hz
P131-000-A-DISP TRIPPLITE-P131-000-A-DISP Datasheet
165Kb / 3P
   HDMI to VGA Active Converter with Audio (F/M), 1920 x 1200 (1080p) @ 60 Hz
More results

Similar Description - P131K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P101KW IRF-P101KW Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P401 VISHAY-VS-P401 Datasheet
143Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
P100 VISHAY-P100 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
P400 VISHAY-P400 Datasheet
122Kb / 6P
   Passivated Assembled Circuit Elements, 40 A
Revision: 05-Nov-09
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com