Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPA100JU-S245ST Datasheet(PDF) 2 Page - Vitec Power

Part # ILPA100JU-S245ST
Description  100W Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA100JU-S245ST Datasheet(HTML) 2 Page - Vitec Power

  ILPA100JU-S245ST Datasheet HTML 1Page - Vitec Power ILPA100JU-S245ST Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Humidity: 10% RH to 100% RH
-35
70
°C
Storage Temperature
Humidity: 5% RH to 100% RH
-40
85
°C
MTBF: Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.478M
Hours
Life Time at 25°C ambient temperature
0.104M
Hours
Approvals and Compliance
Parameter
Standards
EMI
EN55015
EMS
EN61000-3-2, EN61000-3-3, EN61000-4-2, EN61000-4-3, , EN61000-4-4, , EN61000-4-5, EN61000-4-6,
EN61000-4-8, EN61000-4-11, EN61547
Safety UL/c-UL, CE
UL8750 Compliant to UL1310 ClaST 2, UL1012, UL935, CSA-C22.2 No. 0, CSA-C22.2 No. 107.1,
CSA-C22.2 No.250.0, EN61347-1,EN61347-2-13
Waterproof
IP67 Rating
Mechanical
Parameter
Specification
Dimension,
194x67.5x37mm (7.64x2.66x1.46 inches)
Net Weight
1000g
approx.


Similar Part No. - ILPA100JU-S245ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100JU-S245ST Vitec-ILPA100JU-S245ST Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA100JU-S245ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100JU Vitec-ILPA100JU Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100VU Vitec-ILPA100VU Datasheet
300Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VU-SERIES Vitec-ILPA100VU-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VW-SERIES Vitec-ILPA100VW-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VW Vitec-ILPA100VW Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA30JW Vitec-ILPA30JW Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com