Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPA100VW-S105ST Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA100VW-S105ST
Description  100W Water-Proof Constant Voltage LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA100VW-S105ST Datasheet(HTML) 1 Page - Vitec Power

  ILPA100VW-S105ST Datasheet HTML 1Page - Vitec Power ILPA100VW-S105ST Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA100VW SERIES
100W Water-Proof Constant Voltage LED Driver
Wide Input Voltage 90 to 264VAC, 47 to 63Hz
Constant Output Voltage Available From 12VDC Thru 105VDC
Over Voltage, Over Current, Short Circuit, Lighting, and Over Temperature Protection
High Efficiency (up to 93%)
Active Power Factor Correction (PFC) (99% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation (Pending)
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max.
Output Current
Efficiency
(220VAC, Full Load)
Over Voltage Protection
Min / Typ / Max
Max.
Output Power
ILPA100VW-S012ST
12 VDC
8.33 A
91%
14V / 15V / 16V
100W
ILPA100VW-S024ST
24 VDC
4.05A
93%
27V / 30V / 34V
100W
ILPA100VW-S036ST
36 VDC
2.75 A
93%
40V / 47V / 50V
100W
ILPA100VW-S042ST
42 VDC
2.25 A
93%
47V / 52V / 57V
100W
ILPA100VW-S048ST
48 VDC
1.95 A
92%
54V / 59V / 63V
100W
ILPA100VW-S054ST
54 VDC
1.75 A
93%
60V / 68V / 75V
100W
ILPA100VW-S081ST
81 VDC
1.23 A
93%
91V / 95V / 100V
100W
ILPA100VW-S105ST
105 VDC
0.95 A
93%
120V / 125V / 140V
100W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
100
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.20
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.60
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
65
A
Power Factor Correction
Vin=110VAC
99
%
Power Factor Correction
Vin=220VAC
96
%
Efficiency
Io=Full Load, Vin=230VAC
93
%
No-Load Power Consumption
No Load, VIn=230VAC
1.5
W
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
2
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Current Protection
110
135
180
% Io
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
3
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
2
% Vo


Similar Part No. - ILPA100VW-S105ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100VW-S105ST Vitec-ILPA100VW-S105ST Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
More results

Similar Description - ILPA100VW-S105ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100VU Vitec-ILPA100VU Datasheet
300Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VU-SERIES Vitec-ILPA100VU-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VW Vitec-ILPA100VW Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100JU Vitec-ILPA100JU Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA30VW Vitec-ILPA30VW Datasheet
280Kb / 2P
   30W Water-Proof Constant Voltage LED Driver
ILPA50VW-SERIES Vitec-ILPA50VW-SERIES Datasheet
282Kb / 2P
   50W Water-Proof Constant Voltage LED Driver
ILPA75VU Vitec-ILPA75VU Datasheet
295Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
ILPA75VU-SERIES Vitec-ILPA75VU-SERIES Datasheet
295Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
ILPA150VU-SERIES Vitec-ILPA150VU-SERIES Datasheet
286Kb / 2P
   150W Water-Proof Constant Voltage LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com