Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPA120JU-S070ST Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA120JU-S070ST
Description  120W Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA120JU-S070ST Datasheet(HTML) 1 Page - Vitec Power

  ILPA120JU-S070ST Datasheet HTML 1Page - Vitec Power ILPA120JU-S070ST Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA120JU SERIES
120W Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Constant Output Current Available From 350mA To 4200mA
Over Voltage, Short Circuit, Lighting, and Over Temperature Protection
High Efficiency (up to 92%)
Active Power Factor Correction (PFC) (99% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 (Class 2) & EN61347 Safety Regulation
3 Year Warranty
Approvals:
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage Range
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min. / Typ. / Max.)
Max.
Output Power
ILPA120JU-S490ST
4655 / 4900 / 5145 mA
14 / 24 VDC
90.5%
28 / 31 / 34 VDC
120W
ILPA120JU-S420ST
3990 / 4200 / 4410 mA
17 / 28 VDC
90.5%
33 / 36 / 40 VDC
120W
ILPA120JU-S350ST
3325 / 3500 / 3675 mA
20 / 34 VDC
90.5%
40 / 44 / 48 VDC
120W
ILPA120JU-S315ST
2992 / 3150 / 3307 mA
23 / 38 VDC
90.5%
45 / 49 / 54 VDC
120W
ILPA120JU-S280ST
2660 / 2800 / 2940 mA
26 / 43 VDC
91%
51 / 56 / 61 VDC
120W
ILPA120JU-S245ST
2327 / 2450 / 2572 mA
29 / 49 VDC
91%
58 / 64 / 69 VDC
120W
ILPA120JU-S210ST
1995 / 2100 / 2205 mA
34 / 57 VDC
91%
68 / 74 / 80 VDC
120W
ILPA120JU-S175ST
1662 / 1750 / 1837 mA
41 / 68 VDC
91%
81 / 88 / 96 VDC
120W
ILPA120JU-S140ST
1330 / 1400 / 1470 mA
52 / 86 VDC
91%
103 / 112 / 121 VDC
120W
ILPA120JU-S105ST
997 / 1050 / 1102 mA
68 / 114 VDC
91%
136 / 148 / 160 VDC
120W
ILPA120JU-S070ST
665 / 700 / 735 mA
103 / 171 VDC
92%
205 / 222 / 240 VDC
120W
ILPA120JU-S045ST
427 / 450 / 473 mA
160 / 266 VDC
92%
319 / 346 / 374 VDC
120W
ILPA120JU-S035ST
332 / 350 / 368 mA
206 / 343 VDC
92%
411 / 446 / 480 VDC
120W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 305VAC
0
120
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.30
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.60
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
65
A
Power Factor Correction
Vin=110VAC
96
99
%
Efficiency
Io=Full Load, Vin=220VAC
88
92
%
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
0.6
1
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
5
% Vo


Similar Part No. - ILPA120JU-S070ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA120JU-S070ST Vitec-ILPA120JU-S070ST Datasheet
290Kb / 2P
   120W Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA120JU-S070ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA120JU Vitec-ILPA120JU Datasheet
290Kb / 2P
   120W Water-Proof Constant Current LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA100JU Vitec-ILPA100JU Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA30JW Vitec-ILPA30JW Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA35JU-SERIES Vitec-ILPA35JU-SERIES Datasheet
332Kb / 2P
   35W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com