Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93662PB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S93662PB
Description  Voltage Monitor and Reset Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S93662PB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S93662PB Datasheet HTML 3Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 4Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 5Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 6Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 7Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 8Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 9Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 10Page - List of Unclassifed Manufacturers S93662PB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
S93662/S93663
2012 2.0 4/18/00
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................................................................................................................................... –55°C to +125°C
Storage Temperature ......................................................................................................................................... –65°C to +150°C
Voltage on any Pin with Respect to Ground(1) ............................................................................................ –2.0V to +VCC +2.0V
VCC with Respect to Ground .................................................................................................................................. –2.0V to +7.0V
Package Power Dissipation Capability (Ta = 25°C) ............................................................................................................. 1.0W
Lead Soldering Temperature (10 seconds) ........................................................................................................................ 300°C
Output Short Circuit Current(2) ........................................................................................................................................... 100mA
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to
any absolute maximum rating for extended periods may affect device performance and reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC +1V.
D.C. OPERATING CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
Power Supply Current
3
mA
DI = 0.0V, fSK = 1MHz
(Operating)
VCC = 5.0V, CS = 5.0V,
Output Open
ISB
Power Supply Current
50
µA
CS = 0V
(Standby)
Reset Outputs Open
ILI
Input Leakage Current
2
µA
VIN = 0V to VCC
ILO
Output Leakage Current
10
µA
VOUT = 0V to VCC,
(Including ORG pin)
CS = 0V
VIL1
Input Low Voltage
-0.1
0.8
V
4.5V-VCC<5.5V
VIH1
Input High Voltage
2
VCC+1
V
VIL2
Input Low Voltage
0
VCC
× 0.2
V
1.8V-VCC<2.7V
VIH2
Input High Voltage
VCC
× 0.7
VCC+1
V
VOL1
Output Low Voltage
0.4
V
4.5V-VCC<5.5V
VOH1
Output High Voltage
2.4
V
IOL = 2.1mA
IOH = -400µA
VOL2
Output Low Voltage
0.2
V
1.8V-VCC<2.7V
VOH2
Output High Voltage
VCC-0.2
V
IOL = 1mA
IOH = -100µA
2012 PGM T3 1.1
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
100,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
2012 PGM T2 1.1
Temperature
Min
Max
Commercial
0°C
+70°C
Industrial
-40°C
+85°C
RECOMMENDED OPERATING CONDITIONS
2012 PGM T7 1.0


Similar Part No. - S93662PB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results

Similar Description - S93662PB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
ON Semiconductor
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468 ONSEMI-ADT7468 Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com