Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG102GA-2.85 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REG102GA-2.85
Description  DMOS 250mA Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG102GA-2.85 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REG102GA-2.85 Datasheet HTML 7Page - Texas Instruments REG102GA-2.85 Datasheet HTML 8Page - Texas Instruments REG102GA-2.85 Datasheet HTML 9Page - Texas Instruments REG102GA-2.85 Datasheet HTML 10Page - Texas Instruments REG102GA-2.85 Datasheet HTML 11Page - Texas Instruments REG102GA-2.85 Datasheet HTML 12Page - Texas Instruments REG102GA-2.85 Datasheet HTML 13Page - Texas Instruments REG102GA-2.85 Datasheet HTML 14Page - Texas Instruments REG102GA-2.85 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REG102
11
SBVS024F
www.ti.com
FIGURE 6. Transient and DC Dropout.
350
300
250
200
150
100
50
0
0
50
100
150
200
DC
250
I
OUT (mA)
DROPOUT VOLTAGE vs I
OUT
0mA to I
OUT Transient
DROPOUT VOLTAGE
The REG102 uses an N-channel DMOS as the pass element.
When (VIN – VOUT) is less than the drop-out voltage (VDROP),
the DMOS pass device behaves like a resistor; therefore, for
low values of (VIN – VOUT), the regulator input-to-output
resistance is the RdsON of the DMOS pass element (typically
600m
Ω). For static (DC) loads, the REG102 typically main-
tains regulation down to a (VIN – VOUT) voltage drop of 150mV
at full rated output current. In Figure 6, the bottom line (DC
dropout) shows the minimum VIN to VOUT voltage drop re-
quired to prevent dropout under DC load conditions.
For large step changes in load current, the REG102 requires
a larger voltage drop across it to avoid degraded transient
response. The boundary of this transient drop-out region is
shown as the top line in Figure 6 and values of VIN to VOUT
voltage drop above this line insure normal transient re-
sponse.
case conditions (full-scale load change with (VIN – VOUT)
voltage drop close to DC dropout levels), the REG102 can
take several hundred microseconds to re-enter the specified
window of regulation.
TRANSIENT RESPONSE
The REG102 response to transient line and load conditions
improves at lower output voltages. The addition of a capacitor
(nominal value 0.47
µF) from the output pin to ground can
improve the transient response. In the adjustable version, the
addition of a capacitor, CFB (nominal value 10nF), from the
output to the adjust pin can also improve the transient
response.
THERMAL PROTECTION
Power dissipated within the REG102 can cause the junction
temperature to rise. The REG102 has thermal shutdown
circuitry that protects the regulator from damage which dis-
ables the output when the junction temperature reaches
approximately 160
°C, allowing the device to cool. When the
junction temperature cools to approximately 140
°C, the out-
put circuitry is again enabled. Depending on various condi-
tions, the thermal protection circuit can cycle on and off. This
limits the dissipation of the regulator, but can have an
undesirable effect on the load.
Any tendency to activate the thermal protection circuit indi-
cates excessive power dissipation or an inadequate heat
sink. For reliable operation, junction temperature must be
limited to 125
°C, maximum. To estimate the margin of safety
in a complete design (including heat sink), increase the
ambient temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good reliabil-
ity, thermal protection should trigger more than 35
°C above
the maximum expected ambient condition of the application.
This produces a worst-case junction temperature of 125
°C at
the highest expected ambient temperature and worst-case
load.
The internal protection circuitry of the REG102 is designed to
protect against overload conditions and is not intended to
replace proper heat sinking. Continuously running the REG102
into thermal shutdown will degrade reliability.
In the transient dropout region between DC and Transient,
transient response recovery time increases. The time required
to recover from a load transient is a function of both the
magnitude and rate of the step change in load current and the
available headroom VIN to VOUT voltage drop. Under worst-


Similar Part No. - REG102GA-2.85

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102GA-2.85 BURR-BROWN-REG102GA-2.85 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102GA-2.85 TI1-REG102GA-2.85 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG102GA-2.85/2K5 BURR-BROWN-REG102GA-2.85/2K5 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
REG102GA-2.85G4 BURR-BROWN-REG102GA-2.85G4 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102GA-2.85G4 TI1-REG102GA-2.85G4 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results

Similar Description - REG102GA-2.85

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
REG102 BURR-BROWN-REG102_07 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com