Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E81M0-TCYB91-L Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # E81M0-TCYB91-L
Description  Pulse Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E81M0-TCYB91-L Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  E81M0-TCYB91-L Datasheet HTML 1Page - Pulse A Technitrol Company E81M0-TCYB91-L Datasheet HTML 2Page - Pulse A Technitrol Company E81M0-TCYB91-L Datasheet HTML 3Page - Pulse A Technitrol Company E81M0-TCYB91-L Datasheet HTML 4Page - Pulse A Technitrol Company E81M0-TCYB91-L Datasheet HTML 5Page - Pulse A Technitrol Company E81M0-TCYB91-L Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
42
www.pulseeng.com
G003.U (2/07)
CONNECTOR PRODUCTS
XFP Cage & Connector
Common Features
Number of Ports
1X1
1X1
1X1
1X1
PCB Mount Angle
Side Entry
Side Entry
Side Entry
Side Entry
Features
Part Number
E81N0-YCUDF4-L
XFP001-L
XFP002-L
XFP003-L
Connector Type
XFP Connector
XFP Cage
XFP Cage
XFP Cage
Contact Mating
GOLD 30 µ"
⎯⎯-
Area Plating
Package
SMT
Press Fit
Press Fit
Press Fit
Package Height
5.17
12.9
15.2
22.2
(mm)
SATA Connectors for Data Storage Interfaces
Common Features
Number of Ports
1X1
1X1
1X1
1X1
Solder Temperature
255°C to 265°C
255°C to 265°C
255°C to 265°C
255°C to 265°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
Features
Part Number
E8177-71U914-L
E8177-71W914-L
E8177-71W924-L
E8177-71W925-L
Contact Mating
GOLD 30 µ"
GOLD 30 µ"
GOLD 30 µ"
GOLD 50 µ"
Area Plating
Package
SMT
SMT
THT
THT
PCB Mount Angle
Side Entry
Top Entry
Top Entry
Top Entry
HDMI (High Definition Media Interface) Connectors
Common Features
Number of Ports
1X1
1X1
1X1
1X1
PCB Mount Angle
Side Entry
Side Entry
Side Entry
Side Entry
Solder Temperature
255°C to 265°C
255°C to 265°C
255°C to 265°C
255°C to 265°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
Features
Part Number
E810K-SB0G14-L
E810K-SAY204-L
E810K-SBY104-L
E810K-SAY104-L
Package
THT
THT
SMT
SMT
Panel Stop
NO
YES
NO
YES
Contact Mating
Area Plating
Gold 30 µ"
Gold 30 µ"
Gold 30 µ"
Gold 30 µ"
RJ Connectors, Single Port, Top Entry, No Shield
Part Number
E5264-Y0L034-L
E5288-300042-L
E5244-7007S2-L
E5266-7007S2-L
E5288-P00B74-L
E5288-7U0BS4-L
Number of Positions
6
8
4
6
8
8
Number of Contacts
4
8
4
6
8
8
Package
THT
THT
SMT
SMT
SMT
SMT
Panel Stop
YES
NO
YES
YES
NO
YES
Contact Mating
Gold 30 µ"
Gold 6 µ"
Gold 6 µ"
Gold 6 µ"
Gold 30 µ"
Gold 30 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
255°C to 265°C
255°C to 265°C
255°C to 265°
255°C to 265°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
Connector Products


Similar Part No. - E81M0-TCYB91-L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E81M0-002-01-LT PULSE-E81M0-002-01-LT Datasheet
82Kb / 1P
   SFP CONNECTOR
E81M0-002-01-LT PULSE-E81M0-002-01-LT Datasheet
176Kb / 1P
   SFP CONNECTOR
E81M0-002-02-LT PULSE-E81M0-002-02-LT Datasheet
176Kb / 1P
   SFP CONNECTOR
More results

Similar Description - E81M0-TCYB91-L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
Copal Electronics
MRP COPAL-MRP Datasheet
442Kb / 3P
   Pulse Switches
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com