Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2532 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # 2532
Description  SWITCH-MODE TRANSFORMER GUIDE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2532 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  2532 Datasheet HTML 1Page - Pulse A Technitrol Company 2532 Datasheet HTML 2Page - Pulse A Technitrol Company 2532 Datasheet HTML 3Page - Pulse A Technitrol Company 2532 Datasheet HTML 4Page - Pulse A Technitrol Company 2532 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
48
www.pulseeng.com
G003.U (2/07)
Mains Filter
Series 6001 – Frame-core Mains Filter*
Applications
These chokes are mainly intended to be used as common-mode
EMC mains filters for 22” to 42” LCD TV sets to make them comply
with the EN55022 standard.
Features
Magnetic circuit of these chokes consists of ET-type/FT-type
closed cores made by high-performance soft ferrite
Slot technology, enameled copper wire
Compact size even for high mains current values
High impedance and very low leakage flux
Low interwinding capacitance
Mechanical and Magnetic Data
Low-profile horizontal coil-formers result in a component height down
to 18mm above the PCB
Component height above the PCB according to the ferrite size
Maximum horizontal dimensions: 35mm x 35mm
Options
Customized pinout and inductance value
Available core size range: ET 20~35
* Not shown here.
Layer SMT 250 W/200 W
Series 2712 (standard core), Series 2702 (low-profile core), Power Supply
Switch-Mode Transformers
Applications
These transformers are mainly intended to be used as Switch-Mode Transformers in high-end 26” to
42” LCD TV sets with mains insulation. The most suitable circuit topologies for these transformers are
one-transistor (standard core) or half-bridge (low-profile core) forward converters. The common range of
operation for these Switch-Mode Transformers is from 100 kHz to 200 kHz.
Features
Magnetic circuit of these transformers consists of two RM14-type ferrite cores having a round
central leg where the windings and the air gap are placed
Maximum primary power: 200 W @ 150 kHz for low-profile RM14; 250 W @150 kHz for
standard RM14
Layer technology, enameled and TIW Lizt wire recommended for proximity and skin effects reduction
Copper-foil windings for high-current outputs
Mains insulation according to IEC60065 and IEC60950 safety standards
Mechanical and Magnetic Data
Pinout configuration: 12 in-line pins (6+6) with 35.6mm spacing
and 5.08mm pitch
Ferrite core can be either standard or low-profile RM14-type,
leading to a transformer height down to 21mm above the PCB
Maximum horizontal dimensions: 42mm x 44mm
(47mm x 44mm including mounting clips)
Options
Customized electrical design and pinout
Mounting clips
Total height above PCB: 30mm for standard RM14; 21mm for
low-profile RM14
LCD TV & PLASMA TV COMPONENTS
(continued)
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
CONSUMER PRODUCTS
Consumer Products


Similar Part No. - 2532

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2532 KR-2532 Datasheet
48Kb / 2P
   Low cost video filter
logo
Heyco.
2532 HEYCO-2532 Datasheet
91Kb / 1P
   Feets of Strength
logo
Lumberg
253201 LUMBERG-253201 Datasheet
481Kb / 3P
   Modular connectors
logo
Integrated Technology F...
253201B ITF-253201B Datasheet
164Kb / 2P
   125.0 MHz SAW Filter
253251B ITF-253251B Datasheet
187Kb / 2P
   125.0 MHz SAW Filter
More results

Similar Description - 2532

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1307 RHOMBUS-IND-T-1307_1 Datasheet
39Kb / 1P
   SWITCH MODE TRANSFORMER
logo
Allied Components Inter...
AEE13-3740 ALLIED-AEE13-3740 Datasheet
536Kb / 2P
   Switch Mode Transformer
logo
Rhombus Industries Inc.
T-693 RHOMBUS-IND-T-693 Datasheet
37Kb / 1P
   SWITCH MODE TRANSFORMER
T-1037 RHOMBUS-IND-T-1037 Datasheet
38Kb / 1P
   SWITCH MODE TRANSFORMER
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
   Switch Mode Transformer for AC/DC offline Applications
logo
List of Unclassifed Man...
ZMPT101B ETC2-ZMPT101B Datasheet
117Kb / 4P
   ZMPT101B(ZMPT107) voltage transformer operating guide
logo
Coilcraft lnc.
RA6999 COILCRAFT-RA6999_14 Datasheet
187Kb / 1P
   Forward Mode Transformer
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
   Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com