Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J3026G01DNL Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # J3026G01DNL
Description  Surface Mount 1x1
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J3026G01DNL Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button J3026G01DNL Datasheet HTML 4Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 5Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 6Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 7Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 8Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 9Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 10Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 11Page - Pulse A Technitrol Company J3026G01DNL Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PULSEJACKTM
Surface Mount 1x1
J0C Application Note
This line of 10/100Base-TX SMT RJ45 1X1 Connector Magnetics
Modules has been specifically designed for the implementation of
a 10Base-T and 100Base-TX transmission over data-grade
unshielded twisted pair cable (UTP-3, 5e and 6).
The connectors provide excellent EMI filtering and are suitable for
adapter card and multiport applications. Pulse has worked closely
with the leading IC manufacturers in providing these 10/100
solutions, thereby assuring compatibility with each transceiver.
The JC0 series meets the stringent open circuit inductance
requirements imposed by IEEE. When an 8mA DC current is
applied across the transformer windings, the transformer will
provide at least 350µH. The transformers used in each module
also provide 1500Vrms minimum isolation, wide bandwidth with
minimal attenuation and fast rise times to minimize system
level jitter.
The 1X1 SMT RJ45 connectors manufactured by Pulse are
designed to meet all published specifications after exposure to
surface mount soldering temperatures. The SMT are robust
enough to withstand convection and infrared reflow solder
temperatures. Additionally, compliant leads provide excellent
solder-joint reliability with a coplanarity of 0.10mm (0.004")
NOTE: Modules are packaged in trays, unless Tape & Reel
is specified. Please add the suffix "T" for Tape & Reel orders
(ex: J0C-0003T). Add the suffix “NL” for RoHS compliant parts
(ex: J0C-0003NL for Trays and J0C-0003NLT for Tape & Reel).
PCB Layout Recommendations:
1. For maximum EMI suppression (electromagnetic interference)
place the decoupling capacitors adjacent to Vcc and 50
Ω
connections.
2. Connections to ground should be as short as possible.
3. Connections between the 10/100 IC and the SMT connector
should be direct (ideally no change in direction) and of
minimum length.
8
7
6
5
4
3
2
1
6
5
4
3
2
1
TX 1:1
RJ45
RX 1:1
J0C-003/4 Connector
VCC
TPOR -
TPOR +
TPIP +
NC
RX+
TX-
TX+
TXCT
RX-
0.01
µf
50W * 2
0.01
µf
0.01
µf
Shield PCB PAD
Shield PCB PAD
TPOP -
10/100
IC PHY
0.01
µf
50W * 2
Chassis GND
Analog GND
NOTE: Connector design not to scale
8
7
NC
NC
www.pulseeng.com
8
J409.G (12/07)
USA 858 674 8100
•• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211/2 •• China 86 769 85538070 •• Taiwan 886 3 4641811


Similar Part No. - J3026G01DNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J3026G01DNL PULSE-J3026G01DNL Datasheet
1Mb / 12P
   RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
J3026G01DNL PULSE-J3026G01DNL Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J3026G01DNL PULSE-J3026G01DNL Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J3026G01DNL PULSE-J3026G01DNL Datasheet
1Mb / 12P
   Surface Mount 1x1
J3026G01DNLT PULSE-J3026G01DNLT Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
More results

Similar Description - J3026G01DNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J409 PULSE-J409_15 Datasheet
1Mb / 12P
   Surface Mount 1x1
J3026G01DNLT PULSE-J3026G01DNLT Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J0C-0006NLT PULSE-J0C-0006NLT Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J3011G21DNLT PULSE-J3011G21DNLT Datasheet
1Mb / 12P
   PulseJack??Surface Mount 1x1
logo
LUMEX INC.
SNR-40013 LUMEX-SNR-40013 Datasheet
92Kb / 1P
   AMBIENT PbS 1x1
logo
Pulse A Technitrol Comp...
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
logo
VITALCONN ELECTRONICS H...
S11815B12 VITALCONN-S11815B12 Datasheet
607Kb / 5P
   QSFP28G 1X1 CAGE
J11EG1113DP01 VITALCONN-J11EG1113DP01 Datasheet
1Mb / 3P
   TAB-UP 1X1 1000BASE
logo
TE Connectivity Ltd
C-2317416 TEC-C-2317416 Datasheet
1Mb / 3P
   CAGE ASSEMBLY, 1X1, OSFP
logo
VITALCONN ELECTRONICS H...
J11GK1003NPA0 VITALCONN-J11GK1003NPA0 Datasheet
640Kb / 2P
   TAB-DOWN 1X1 2.5G
REV: A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com