Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H316 Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # H316
Description  LAN DISCRETE TRANSFORMER MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H316 Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button H316 Datasheet HTML 4Page - Pulse A Technitrol Company H316 Datasheet HTML 5Page - Pulse A Technitrol Company H316 Datasheet HTML 6Page - Pulse A Technitrol Company H316 Datasheet HTML 7Page - Pulse A Technitrol Company H316 Datasheet HTML 8Page - Pulse A Technitrol Company H316 Datasheet HTML 9Page - Pulse A Technitrol Company H316 Datasheet HTML 10Page - Pulse A Technitrol Company H316 Datasheet HTML 11Page - Pulse A Technitrol Company H316 Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
G003.U (2/07)
www.pulseeng.com
37
1. Configuration: T = Transformer, F = Low Pass Filter, C = Choke, R = Pre-distortion Resistors
2. Turns Ratio is referenced chip side to media side.
3. Package Styles: DIL (Dual-In-Line Package), SIL (Single-In-Line Package), SMT (Surface Mount Package), PCMCIA (Ultra Low Profile–SMT)
LSI
L64381
FL1020
Single Port R, F, T, C
R, F, T, C
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1020
80C24
E2004
Single Port R, F, T, C
R, F, T
1CT:1
1CT:1
SMT
1.000 / .500 / .230
E115
PE-68017S Single Port
F, T, C
F, T, C
1CT:1
1CT:1
SIL
1.000 / .210 / .450
E104
SF1012
Single Port
F, T, C
F, T, C
1:1
1:1
SMT
1.010 / .380 / .246
SF1012
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
FL1012
Single Port
F, T, C
F, T
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1012
PE-68056
Single Port
F, T, C
F, T
1CT:1
1CT:1
SMT
.930 / .510 / .230
E115
PE-68032
Single Port
F, T, C
F, T
1CT:1
1CT:1
PCMCIA
.800 / .675 / .094
E103
Lucent
T7213, T7241A
FL1020
Single Port R, F, T, C
R, F, T, C
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1020
PE-68017S Single Port
F, T, C
F, T, C
1CT:1
1CT:1
SIL
1.000 / .210 / .450
E104
SF1012
Single Port
F, T, C
F, T, C
1:1
1:1
SMT
1.010 / .380 / .246
SF1012
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
FL1012
Single Port
F, T, C
F, T
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1012
PE-68056
Single Port
F, T, C
F, T
1CT:1
1CT:1
SMT
.930 / .510 / .230
E115
PE-68032
Single Port
F, T, C
F, T
1CT:1
1CT:1
PCMCIA
.800 / .675 / .094
E103
MicroLinear
ML2652, ML2653,
23Z435
Single Port
T
T
2CT:1CT
1CT:1CT
DIL
.800 / .340 / .250
EC100
ML4652, ML4658
23Z435SM Single Port
T
T
2CT:1CT
1CT:1CT
SMT
.450 / .360 / .215
EC100
PE-68052
Single Port
T, C
T
2CT:1CT
1CT:1CT
SMT
.500 / .370 / .200
EC100
Motorola
MC68160
FL1020
Single Port R, F, T, C
R, F, T, C
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1020
E2007
Single Port R, F, T, C
R, F, T
1CT:1
1CT:1
SMT
1.000 / .500 / .230
E115
PE-68017S Single Port
F, T, C
F, T, C
1CT:1
1CT:1
SIL
1.000 / .210 / .450
E104
SF1012
Single Port
F, T, C
F, T, C
1:1
1:1
SMT
1.010 / .380 / .246
SF1012
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
FL1012
Single Port
F, T, C
F, T
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1012
PE-68056
Single Port
F, T, C
F, T
1CT:1
1CT:1
SMT
.930 / .510 / .230
E115
PE-68032
Single Port
F, T, C
F, T
1CT:1
1CT:1
PCMCIA
.800 / .675 / .094
E103
National
DP83901A
FL1020
Single Port R, F, T, C
R, F, T, C
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1020
Semiconductor
DP83902A, DP83902
E2001
Single Port R, F, T, C
R, F, T
1CT:1
1CT:1
SMT
1.000 / .500 / .230
E115
DP83905, DP83934
PE-68017S Single Port
F, T, C
F, T, C
1CT:1
1CT:1
SIL
1.000 / .210 / .450
E104
SF1012
Single Port
F, T, C
F, T, C
1:1
1:1
SMT
1.010 / .380 / .246
SF1012
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
FL1012
Single Port
F, T, C
F, T
1CT:1CT
1CT:1CT
DIL
1.000 / .400 / .338
FL1012
PE-68056
Single Port
F, T, C
F, T
1CT:1
1CT:1
SMT
.930 / .510 / .230
E115
PE-68032
Single Port
F, T, C
F, T
1CT:1
1CT:1
PCMCIA
.800 / .675 / .094
E103
DP83907, DP83924A
E5002
Quad Port
T, C
T, C
1CT:2CT
1:1
SMT
1.125 / .640 / .230
E116
23Z467SM Single Port
T, C
T, C
1CT:2CT
1CT:1CT
SMT
.450 / .360 / .215
EC100
ST4202T
Single Port
T, C
T, C
1CT:2CT
1CT:1CT
SMT
.447 / .360 / .223
ST4202T
Realtek
RTL8301
PE-68049L
Quad Port
T, C
T
1CT:1CT
1:1
SMT
1.125 / .640 / .230
EC101
RTL8019AS
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
RTL8029AS
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
RTL8301
PE-68049L
Quad Port
T, C
T
1CT:1CT
1:1
SMT
1.125 / .640 / .230
EC101
SMSC
LAN91C46
PE-68026
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
LAN91C91
EX2001
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930/.510/.230
E112
LAN91C96
PE-68056
Single Port
F, T, C
F, T
1CT:1CT
1CT:1CT
SMT
.930 / .510 / .230
E115
EX2001
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930/.510/.230
E112
E2009
Single Port
F, T, C
F, T
1CT:1.414
1CT:1
SMT
1.000 / .500 / .230
E115
LAN91C111
EX2001
Single Port
F, T, C
F, T, C
1CT:1CT
1CT:1CT
SMT
.930/.510/.230
E112
Texas
TNETE100A
23Z356SM Single Port
T, C
T, C
1CT:1.414CT
1CT:1CT
SMT
.450 / .360 / .215
EC100
Instruments
PE-65745
Single Port
T
T
1CT:1.414CT
1CT:1CT
SMT
.500 / .370 / .200
EC100
PE-68048
Single Port
T, C
T
1CT:1.414CT
1CT:1CT
SMT
.500 / .370 / .200
EC100
TNETE2004
PE-68062L
Quad Port
T, C
T
1CT:1.414CT
1:1
SMT
1.125 / .640 / .230
EC101
PE-68065L
Quad Port
T
T
1CT:1.414CT
1:1
SMT
1.125 / .640 / .230
EC101
23Z356SM Single Port
T, C
T, C
1CT:1.414CT
1CT:1CT
SMT
.450 / .360 / .215
EC100
PE-65745
Single Port
T
T
1CT:1.414CT
1CT:1CT
SMT
.500 / .370 / .200
EC100
PE-68048
Single Port
T, C
T
1CT:1.414CT
1CT:1CT
SMT
.500 / .370 /.200
EC100
TNETE2008
PE-68049L
Quad Port
T, C
T
1CT:1CT
1:1
SMT
1.125 / .640 / .230
EC101
E5008
Quad Port
T, C
T
1CT:1CT
1:1
SMT
1.125 / .640 / .230
E117
NOTE: ICs are in groups. Each group works with all adjacent Pulse parts.
*L/W/H is measured on surface mount parts tip to tip (height includes wash area).
DISCRETE COMPONENTS
IC
IC
Pulse
Ports
Configuration
1
Turns Ratio
2
Package
Data
Manufacturer
Part No.
Part No.
Supported
TX
RX
TX
RX
Style
3
L/W/H (in)*
Sheet
LAN 10BASE-T IC CROSS REFERENCE (continued)
LAN 10BASE-T IC Cross Reference


Similar Part No. - H316

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
H316 PULSE-H316 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Harwin Plc
H3161-01 HARWIN-H3161-01 Datasheet
109Kb / 1P
   1.00mm SOCKET ASSEMBLY
H3161-05 HARWIN-H3161-05 Datasheet
109Kb / 1P
   1.00mm SOCKET ASSEMBLY
H3161-46 HARWIN-H3161-46 Datasheet
109Kb / 1P
   1.00mm SOCKET ASSEMBLY
More results

Similar Description - H316

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1251 PULSE-H1251 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Axiomtek Co., Ltd.
AX93306 AXIOMTEK-AX93306 Datasheet
268Kb / 1P
   LAN Modules
logo
Bourns Electronic Solut...
PT61020EL BOURNS-PT61020EL Datasheet
143Kb / 1P
   LAN 10/100/1000 Base-T Transformer Modules
PT61022EL BOURNS-PT61022EL Datasheet
140Kb / 1P
   LAN 10/100/1000 Base-T Transformer Modules
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
   LAN-Transformer WE-LAN
749010012 WURTH-749010012 Datasheet
169Kb / 3P
   LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
   LAN-Transformer WE-LAN
2016-02-16 Version 03
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
   LAN-Transformer WE-LAN
2018-09-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com