Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J3011G21D Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # J3011G21D
Description  Surface Mount 1x1
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J3011G21D Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  J3011G21D Datasheet HTML 1Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 2Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 3Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 4Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 5Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 6Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 7Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 8Page - Pulse A Technitrol Company J3011G21D Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NOTES:
1. LEDs Left/Right: G = green; Y = yellow.
2. Add suffix “T” for Tape & Reel option (e.g. J0C-0004T).
3. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in
the RoHS directive. Product contains lead in applications considered as solders.
4. RoHS-6 - Product does not contain 5 out of the 6 banned substances
specified in the RoHS directive. Some internal connections may contain
lead in high temperature solder (solder alloys containing more than 85% lead).
5. Extended Temperature: -40° to 85° C
Features and Benefits:
RoHS-5 peak reflow temperature rating 235°C
RoHS-6 peak reflow temperature rating 245°C
J0C SMT product, reduced size and low cost alternative
to JV series
Electrical Performance Summary:
Meets IEEE 802.3 specification
High performance for maximum EMI suppression
Minimum 1500Vrms isolation per IEEE 802.3 requirement
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
J0C/JV/J3 Series
5 lbs./2.268 kgs.
5 lbs./2.268 kgs.
750 Insertions
20 lbs./9.072 kgs.
RJ45 Durability Testing Rating
Description:
10/100Base-TX surface mount RJ45 single port (1x1) Tab-UP/DOWN with or without LEDs Integrated Magnetics
Connector, designed to support applications such as: Set Top Box and Network Interface Cards (NIC).
JV0
J0C
SMT Contacts
J30
Insertion
Return Loss
Common Mode
Hipot
RoHS-5 3
RoHS-6 4
Turns
Loss
(dB MIN)
Crosstalk
Rejection
(Vrms)
Compliant
Compliant
Ratios
Tab
LEDs 1
BST
EMI
TX/RX
100
Ω (±15Ω)
(dB MIN)
(dB MIN)
(MIN)
Part No.
Part No.
Option
L/R
Circuit
Finger
(dB MAX)
TX
RX
Up/Down
1-65
1-10
30
60-80
1-10
30-60
60-100
1-50
50-130 @60 Hz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
1 MIN
J0C-0003
J0C-0003NL
1CT:1
1CT:1
Down
No
No
No
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0004
J0C-0004NL
1CT:1
1CT:1
Down
No
No
Yes
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0005
J0C-0005NL
1CT:1
1CT:1
Down
No
Yes
No
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0006
J0C-0006NL
1CT:1
1CT:1
Down
No
Yes
Yes
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
JV006I21
JV006I21NL
1CT:1
1CT:1
Down
No
No
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JV011I21
JV011I21NL
1CT:1
1CT:1
Down
No
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JV026I21
JV026I21NL
1CTS:1
1CT:1
Down
No
Yes
Yes
-1.0
- 20
-16
-12
-40
-35
-30
-30
-20
1500
J3006G21D
J3006G21DNL
1CT:1
1CT:1
Up
G/Y
No
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3011G21D
J3011G21DNL
1CT:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3018G21K
_
1CTS:1.414
1CT:1
Up
G/G
Yes
Yes
-1.0
-20
-16
-11.5
-40
-35
-30
-30
-20
1500
J3026G01D
J3026G01DNL
1CTS:1
1CT:1
Up
G/Y
Yes
No
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3026G21D
J3026G21DNL
1CTS:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
_
JX30-0005NL
5
1CT:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
PULSEJACKTM
Surface Mount 1x1
Notes: 1. Connector dimensions comply with FCC part 68 dimension requirements.
2. MSL=Moisture Sensitivity Level rating: 1-5 (highest rating = 1, lowest rating = 5).
3. (X)=30µ inches gold for JV and J30 platforms and 15µ inches gold for J0C platform.
4. The MSL rating for J0C-000X is Level 4. All other connectors are Level 1.
5. NL parts are tin matte finish over nickel.
Part
Shield
Contact
Housing
MSL
2
Number
Material
Finish
Material
Plating Area
3
Solder Area
5
Material
Specification
Rating
J0C/JV/J3
20-40µ inches thick nickel
Phosphor
(X)µ inches gold over
75-300µ inches tin-lead over
High Temp.
Series
Brass
over Brass
Bronze
30-80µ inches nickel
30-80µ inches nickel
Thermoplastic
UL 94 V-0
1
4
RJ45 Material Specification
www.pulseeng.com
1
J409.G (12/07)
USA 858 674 8100
•• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211/2 •• China 86 769 85538070 •• Taiwan 886 3 4641811


Similar Part No. - J3011G21D

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J3011G21DNL PULSE-J3011G21DNL Datasheet
1Mb / 12P
   RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
J3011G21DNL PULSE-J3011G21DNL Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J3011G21DNL PULSE-J3011G21DNL Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J3011G21DNL PULSE-J3011G21DNL Datasheet
1Mb / 12P
   Surface Mount 1x1
J3011G21DNLT PULSE-J3011G21DNLT Datasheet
1Mb / 12P
   PulseJack??Surface Mount 1x1
More results

Similar Description - J3011G21D

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J409 PULSE-J409_15 Datasheet
1Mb / 12P
   Surface Mount 1x1
J3026G01DNLT PULSE-J3026G01DNLT Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J0C-0006NLT PULSE-J0C-0006NLT Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J3011G21DNLT PULSE-J3011G21DNLT Datasheet
1Mb / 12P
   PulseJack??Surface Mount 1x1
logo
LUMEX INC.
SNR-40013 LUMEX-SNR-40013 Datasheet
92Kb / 1P
   AMBIENT PbS 1x1
logo
Pulse A Technitrol Comp...
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
logo
VITALCONN ELECTRONICS H...
S11815B12 VITALCONN-S11815B12 Datasheet
607Kb / 5P
   QSFP28G 1X1 CAGE
J11EG1113DP01 VITALCONN-J11EG1113DP01 Datasheet
1Mb / 3P
   TAB-UP 1X1 1000BASE
logo
TE Connectivity Ltd
C-2317416 TEC-C-2317416 Datasheet
1Mb / 3P
   CAGE ASSEMBLY, 1X1, OSFP
logo
VITALCONN ELECTRONICS H...
J11GK1003NPA0 VITALCONN-J11GK1003NPA0 Datasheet
640Kb / 2P
   TAB-DOWN 1X1 2.5G
REV: A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com