Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5288-30E145-L Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # E5288-30E145-L
Description  Pulse Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E5288-30E145-L Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  E5288-30E145-L Datasheet HTML 1Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 2Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 3Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 4Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 5Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G003.U (2/07)
www.pulseeng.com
41
CONNECTOR PRODUCTS
Step 3
Completing Step 2 will display a series of related connectors for part comparison, showing common and specific features. If there
are more than 3 or 4 results, a horizontal scroll bar appears at the bottom of the screen so that all of the search results are displayed.
Click on “Download Data Sheet” to review the product details or eliminate unwanted parts by clicking the “X” to make them disappear,
leaving the part number(s) that best fit(s) your connector requirements. Both maneuvers can be done in reverse order as needed.
SFP Cage and Connector for Servers and Routers
Part Number
E81M0-VCYF83-L
E81M0-TCYB91-L
E81M0-WCYFEB-L
SFPCAGE002-L
SFPCAGE005-L
Number of Ports
1X1
2X1
1X4
1X1
1X1
Connector Type
SFP Connector
SFP Cage & Connector
SFP Cage
SFP Cage
SFP Cage
Package
SMT
Press Fit
Press Fit
Press Fit
THT
Solder Temperature
255°C to 265°C
⎯⎯
255°C to 265°C
5-10 Seconds
5-10 Seconds
Contact Mating
Gold 15 µ"
Gold 3 µ"
⎯⎯
Area Plating
SMT - Surface Mount Package
THT - Through Hole Package
Connector Products


Similar Part No. - E5288-30E145-L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E5288-3007B1-L PULSE-E5288-3007B1-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-3007B3-L PULSE-E5288-3007B3-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-3007B5-L PULSE-E5288-3007B5-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-300BB1-L PULSE-E5288-300BB1-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-300BB3-L PULSE-E5288-300BB3-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
More results

Similar Description - E5288-30E145-L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
Copal Electronics
MRP COPAL-MRP Datasheet
442Kb / 3P
   Pulse Switches
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com