Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5288-30E145-L Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # E5288-30E145-L
Description  Pulse Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E5288-30E145-L Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  E5288-30E145-L Datasheet HTML 1Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 2Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 3Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 4Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 5Page - Pulse A Technitrol Company E5288-30E145-L Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
G003.U (2/07)
www.pulseeng.com
45
CONNECTOR PRODUCTS
RJ Connectors, Side Entry with LEDs, Through Hole (THT)
Part Number
E5J88-10L054-L
E5J88-34L022-L
E5J88-44AJ22-L
E5J88-14C022-L
E5J88-A4A0B4-L
E5J88-C4C2B5-L
Number of Positions
8
8
8
8
8
8
Number of Contacts
8
8
8
8
8
8
Number of Ports
1X1
1X1
1X2
1X4
2X2
2X4
LED Option
Yellow & Green
Green & Yellow
Green/Yellow
Yellow & Green
Green & Green
Green & Yellow
& Green/Yellow
Tab
Up
Up
Up
Up
⎯⎯
Shield Option
No Shield
Nickel Shield
Nickel Shield
Nickel Shield
Nickel Shield
Nickel Shield
Contact Mating
Gold 30 µ"
Gold 6 µ"
Gold 6 µ"
Gold 6 µ"
Gold 30 µ"
Gold 50 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
255°C to 265°C
230 to 240°C
230°C to 240°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
RJ Connectors, CAT. 5, Through Hole (THT)
Part Number
E6588-220722-L
E6588-12A125-L
E6588-22C324-L
E6588-A5M125-L
E6588-A5N125-L
E6588-AARSA4-L
Number of Positions
8
8
8
8
8
8
Number of Contacts
8
8
8
8
8
8
Number of Ports
1X1
1X2
1X4
2X1
2X2
2X4
LED Option
No LEDs
No LEDs
No LEDs
No LEDs
No LEDs
Green & Yellow
Shield Option
Nickel Shield
Nickel Shield
Nickel Shield
Nickel Shield
Nickel Shield
Nickel Shield
Contact Mating
Gold 6 µ"
Gold 50 µ"
Gold 30 µ"
Gold 50 µ"
Gold 50 µ"
Gold 30 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
255°C to 265°C
230°C to 240°C
230°C to 240°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
USB Connectors
Part Number
E8144-A01321-L
E8144-K1B024-L
E8144-B01021-L
E828B-2201P2-L
Connector Type
USB Type A
USB Type A
USB Type B
RJ45 over Dual
USB Type A
Number of Ports
1X1
2X1
1X1
3X1
PCB Mount Angle
Side Entry
Side Entry
Side Entry
Side Entry
Shield Plating
Nickel
Tin
Nickel
Nickel
Material
Connector Material
White
Black
Black
Black
Color
Contact Mating
Gold 3 µ"
Gold 30 µ"
Gold 3 µ"
Gold 6 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
230°C to 240°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
Connector Products


Similar Part No. - E5288-30E145-L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E5288-3007B1-L PULSE-E5288-3007B1-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-3007B3-L PULSE-E5288-3007B3-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-3007B5-L PULSE-E5288-3007B5-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-300BB1-L PULSE-E5288-300BB1-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5288-300BB3-L PULSE-E5288-300BB3-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
More results

Similar Description - E5288-30E145-L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
Copal Electronics
MRP COPAL-MRP Datasheet
442Kb / 3P
   Pulse Switches
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com