Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9169BQ-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9169BQ-T1
Description  High Frequency 1-A Synchronous Buck/Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9169BQ-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9169BQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 5Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 6Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 7Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si9169
Vishay Siliconix
www.vishay.com
4
Document Number: 70945
S-40695—Rev. D, 19-Apr-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Buck Mode Efficiency, VO = 2.7 V
1
60
65
1000
70
80
85
90
100
Load Current (mA)
10
100
75
PSM−3.6 V
PSM−3 V
PSM−4.2 V
PWM−3 V
PWM−3.6 V
PWM−4.2 V
95
1.28
1.29
1.30
1.31
1.32
−50
0
50
100
150
1.70
1.75
1.80
1.85
1.90
1.95
2.00
−100
−50
0
50
100
150
1.290
1.295
1.300
1.305
1.310
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
100
1000
10000
10
100
1000
VREF vs. VDD
VREF vs. Temperature
Frequency vs. Temperature
VDD − (V)
Temperature (_C)
ROSC (kW)
Temperature (_C)
Frequency vs. ROSC
Boost Mode Efficiency, VO = 3.6 V
1
60
65
1000
70
80
85
90
95
Load Current (mA)
10
100
75
PSM−3.3 V
PSM−2.7 V
PWM−3.3 V
PWM−2.7 V
ROSC = 25 kW


Similar Part No. - SI9169BQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169BQ-T1-E3 VISHAY-SI9169BQ-T1-E3 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
More results

Similar Description - SI9169BQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5-A Synchronous Boost Converter
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com