Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9114ADJ-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9114ADJ-E3
Description  High-Frequency Switchmode Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9114ADJ-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9114ADJ-E3 Datasheet HTML 1Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 2Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 3Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 4Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
+VIN
VCC
SHUTDOWN
CURRENT SENSE
VREF
DRIVER OUTPUT
NI
−VIN
FB
SYNC
COMPENSATION
COSC
SS
ROSC
Dual-In-Line and SOIC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
Si9114A
Vishay Siliconix
Document Number: 70025
S-42044—Rev. E, 15-Nov-04
www.vishay.com
5
TIMING WAVEFORMS
90%
1.5 V−
50%
0
90%
Output
50%
td
tr v 10 ns
tf v 10 ns
VCC
tSD
SHUTDOWN
VCC
0
0
VCC
Current
Sense
Output
FIGURE 1.
FIGURE 2.
PIN CONFIGURATIONS AND ORDERING INFORMATION
ORDERING INFORMATION
Part Number
Temperature Range
Package
Si9114ADY
Si9114ADY-T1
SOIC-14
Si9114ADY-T1—E3
−40 to 85_C
Si9114ADJ
PDIP-14
Si9114ADJ—E3
PDIP-14
APPLICATIONS
+VIN
SD
VREF
NI
FB
COMP
SS
VCC
SENSE
OUT
−VIN
SYNC
COSC
ROSC
−48 V (−42 to −56 V)
Si9114A
TL431
Si9420DY
FIGURE 3. 15-W Forward Converter Schematic
VO
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?70025.


Similar Part No. - SI9114ADJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9114A VISHAY-SI9114A Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
More results

Similar Description - SI9114ADJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
logo
TRIAD MAGNETICS
FIT106-1 TRIAD-FIT106-1 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
FIT80-6 TRIAD-FIT80-6 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
logo
List of Unclassifed Man...
FIT50-4 ETC2-FIT50-4 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
logo
TRIAD MAGNETICS
CME375-4 TRIAD-CME375-4 Datasheet
88Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
ET2825-032 TRIAD-ET2825-032 Datasheet
84Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
ET2835-034 TRIAD-ET2835-034 Datasheet
84Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
ET2835-036 TRIAD-ET2835-036 Datasheet
84Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com