Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86116C-041 Datasheet(PDF) 6 Page - Keysight Technologies

Part # 86116C-041
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86116C-041 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button 86116C-041 Datasheet HTML 2Page - Keysight Technologies 86116C-041 Datasheet HTML 3Page - Keysight Technologies 86116C-041 Datasheet HTML 4Page - Keysight Technologies 86116C-041 Datasheet HTML 5Page - Keysight Technologies 86116C-041 Datasheet HTML 6Page - Keysight Technologies 86116C-041 Datasheet HTML 7Page - Keysight Technologies 86116C-041 Datasheet HTML 8Page - Keysight Technologies 86116C-041 Datasheet HTML 9Page - Keysight Technologies 86116C-041 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
06 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Mainframe specifications (Continued)
Option STR (standard trigger)
Option ETR (enhanced trigger)
Trigger modes
Internal trigger 1
Free run
Free run
External direct trigger 2
DC to 100 MHz
Limited bandwidth 3
DC to 100 MHz
DC to 3.2 GHz
Full bandwidth
DC to 3.2 GHz
External divided trigger
N/A
3 to 13 GHz (15 GHz, 32 GHz with Option PTB)
PatternLock
N/A
50 MHz to 13 GHz (50 MHz to 15 GHz)
Module bay trigger 7
N/A
Yes, supported
Jitter
Characteristic
< 1.0 ps RMS + 5*10E-5 of delay setting 4
1.2 ps (750 fs Option PTB) RMS for time delays less than 100 ns 6
1.7 ps (1.2 ps Option PTB) RMS for time delays less than 100 ns 6
Maximum
1.5 ps RMS + 5*10E-5 of delay setting 4
1.2 ps (750 fs) (50 MHz to 32 GHz) in PTB mode 8: 200 fs
(2.4 to 4 GHz) 120 fs (4 to 9 GHz) 90 fs (9 to 44 GHz)
Option PTB
N/A
Trigger sensitivity
200 mV
pp (sinusoidal input or 200 ps
minimum pulse width)
200 mV
pp sinusoidal input: 50 MHz to 13 GHz, (to 32 GHz with
Option PTB)
Trigger configuration
Trigger level adjustment
–1 to + 1 V
AC coupled
Edge select
Positive or negative
N/A
Hysteresis 5
Normal or High sensitivity
N/A
Trigger gating
Gating input levels
Disable: 0 to 0.6 V, Enable: 3.5 to 5 V
(TTL compatible)
Pulse width > 500 ns, period > 1 μs
Gating delay
Disable: 27 μs + trigger period +
Maximum time displayed
Enable: 100 ns
Trigger impedance
Nominal impedance
50 Ω
Reflection
< 10% for 100 ps rise time
Connector type
3.5 mm (male)
Maximum trigger signal
2 V peak-to-peak
1. The freerun trigger mode internally generates an asynchronous trigger that allows viewing the sampled signal amplitude without an external trigger signal
but provides no timing information unless a precision timebase is used in Eye/Mask mode. Freerun is useful in troubleshooting external trigger problems.
2. The sampled input signal timing is recreated by using an externally supplied trigger signal that is synchronous with the sampled signal input.
3. The DC to 100 MHz mode is used to minimize the effect of high frequency signals or noise on a low frequency trigger signal.
4. Measured at 2.5 GHz with the triggering level adjusted for optimum trigger.
5. High Sensitivity Hysteresis mode improves the high frequency trigger sensitivity but is not recommended when using noisy, low frequency signals that may
result in false triggers without normal hysteresis enabled.
6. Slew rate ≥ 2 V/ns.
7. The Module Bay Trigger routes trigger signals from the module’s rear panel to the mainframe. 86100D-ETR is recommended when using a DCA module
equipped with a rear-panel trigger circuit. Examples include 54754A, 83496x, and 86108A/B modules. If operating these modules in an 86100D with Option
STR, an external cable (such as P/N 5062-6690) must be connected from the module’s front panel trigger/clock output to the 86100D’s trigger input.
8. In precision timebase (PTB) operation with 750 mV input (500 mV input, 9 to 44 GHz).
Specifications (Continued)


Similar Part No. - 86116C-041

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86116C-041 KEYSIGHT-86116C-041 Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - 86116C-041

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
DCA-X86100D KEYSIGHT-DCA-X86100D Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com