Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9730BBY-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI9730BBY-T1-E3
Description  Dual-Cell Lithium Ion Battery Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9730BBY-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI9730BBY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix SI9730BBY-T1-E3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Si9730
Vishay Siliconix
Document Number: 70658
S-40135—Rev. F, 16-Feb-04
www.vishay.com
9
Additionally, the battery as a whole can be undervoltage (UV),
where VBATTERY < VUVL. Note that this final condition is not
necessarily
(though normally) mutually exclusive with the
other cell conditions: if one cell were at 0V, the other cell could
be in NO, and the battery could still be in UV.
The charger can be either present (ON) or not present (OFF);
the “X” in the table means the condition is true regardless of the
state of the charger. The load current can be either 0, normal
(0 < ILOAD < IILIMIT) or a short (IILIMIT< ILOAD) where IILIMIT is
set by VILIMIT/RSENSE; the “X” in the table refers to a load
current that can be either 0 or normal. Finally, the switch can
be either ON, OFF, or cycling at either 1/8 or 7/8 duty cycle,
where the duty cycle refers to the portion of the period when
the switch is on; the notation On−>On simply means that the
switch does not change state, it remains on; the notation −>Off
means that the switch turns off regardless of its previous state.
STATE TRANSITION TABLE
High-Cell Voltage
Low-Cell Voltage
Charger On/Off
Load Current
Switch State
NO
NO
Off>On
X
On−>On
NO−>OC
NO
Off
0
On−>Off
NO
NO−>OC
Off
0
On−>Off
NO−>OC
NO
Off
Normal
Cycles at very high duty cycle
NO
NO−>OC
Off
Normal
Cycles at very high duty cycle
OC
NO
Off−>On
X
Off−>Off
NO
OC
Off−>On
X
Off−>Off
OC
OC
Off−>On
X
Off−>Off
NO
NO
Off
Normal−>Short
On−>Off
OC
NO
Off
Normal−>Short
On−>Off
NO
OC
Off
Normal−>Short
On−>Off
NO−>ODC
NO
Off
0
On−>Off
NO
NO−>ODC
Off
0
On−>Off
NO−>ODC
NO
Off
Normal
On−>Off
NO
NO−>ODC
Off
Normal
On−>Off
ODC
NO
Off−>On
X
Off−>Cycle at 7/8 duty cycle
NO
ODC
Off−>On
X
Off−>Cycle at 7/8 duty cycle
ODC
ODC
Off−>On
X
Off−>Cycle at 7/8 duty cycle
UV
Off−>On
X
Off−>Cycle at 1/8 duty cycle
NO−>ODC
OC
Off
0
Cycle−>Off
OC
NO−>OC
Off
0
Off
NO
NO
V<0
X
Off
UV
On
Center Tap−>Open
Cycle at 1/8 duty cycle
ODC
ODC
X
Center Tap−>Open
−.>Off
NO
ODC
X
Center Tap−>Open
−.>Off
ODC
NO
X
Center Tap−>Open
−.>Off
NO
NO
X
Center Tap−>Open
−.>Off
OC
OC
X
Center Tap−>Open
−.>Off


Similar Part No. - SI9730BBY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9730 VISHAY-SI9730 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
SI9730 VISHAY-SI9730_V01 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
More results

Similar Description - SI9730BBY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9730 VISHAY-SI9730_V01 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Mitsumi Electronics, Co...
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Mitsumi Electronics, Co...
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com