Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9181DQ-29-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9181DQ-29-T1-E3
Description  Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9181DQ-29-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9181DQ-29-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9181DQ-29-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si9181
Vishay Siliconix
www.vishay.com
4
Document Number: 71119
S-40694—Rev. D, 19-Apr-04
TIMING WAVEFORMS
VIN
0.95 VNOM
VOUT
VOUT
ERROR
VNOM
tDELAY
FIGURE 4.
Timing Diagram for Power-Up
tON
PIN CONFIGURATION
5
CNOISE
SD
GND
SENSE or ADJ
VIN
VOUT
TSSOP-8
6
7
8
2
3
4
1
Top View
DELAY
ERROR
PIN DESCRIPTION
Pin Number
Name
Function
1
CNOISE
Noise bypass pin. For low noise applications, a 0.01-mF or larger ceramic capacitor should be connected from this pin
to ground.
2
DELAY
Capacitor connected from this pin to ground will allow a delayed power-on-reset signal at the ERROR (Pin 7) output.
Refer to Figure 4.
3
GND
Ground pin. Local ground for CNOISE and COUT.
4
VIN
Input supply pin. Bypass this pin with a 2.2-mF ceramic or tantalum capacitor to ground.
5
VOUT
Output voltage. Connect COUT between this pin and ground.
6
SENSE or ADJ
For fixed output voltage versions, this pin should be connected to VOUT (Pin 5). For adjustable output voltage version,
this voltage feedback pin sets the output voltage via an external resistor divider.
7
ERROR
This open drain output is an error flag output which goes low when VOUT drops 5% below its nominal voltage. This pin
also provides a power-on-reset signal if a capacitor is connected to the DELAY pin.
8
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused.


Similar Part No. - SI9181DQ-29-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181DQ-25-T1 VISHAY-SI9181DQ-25-T1 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9181DQ-25-T1-E3 VISHAY-SI9181DQ-25-T1-E3 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9181DQ-28-T1 VISHAY-SI9181DQ-28-T1 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9181DQ-28-T1-E3 VISHAY-SI9181DQ-28-T1-E3 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
More results

Similar Description - SI9181DQ-29-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
ON Semiconductor
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com