Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2101CNP2Q Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # SL2101CNP2Q
Description  Synthesized Broadband Converter with Programmable Power
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2101CNP2Q Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  SL2101CNP2Q Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2101CNP2Q Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2002 - 2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• Single chip synthesized broadband solution
• Configurable as both up converter and
downconverter requirements in double
conversion tuner applications
• Incorporates 8 programmable mixer power
settings
• Compatible with digital and analogue system
requirements
• CSO -65 dBc, CTB -68 dBc (typical)
• Extremely low phase noise balanced local
oscillator, with very low fundamental and
harmonic radiation
• PLL frequency synthesizer designed for high
comparison frequencies and low phase noise
• Buffered crystal output for pipelining system
reference frequency
•I2C Controlled
Applications
• Double conversion tuners
• Digital Terrestrial tuners
• Cable telephony
• Cable Modems
•MATV
Description
The SL2101 is a fully integrated single chip broadband
mixer oscillator with low phase noise PLL frequency
synthesizer. It is intended for use in double conversion
tuners as both the up and down converter and is
compatible with HIIF frequencies up to 1.4 GHz and all
standard tuner IF output frequencies. It also contains a
programmable power facility for use in systems where
power consumption is important.
The device contains all elements necessary, with the
exception of local oscillator tuning network, loop filter
and crystal reference to produce a complete
synthesized block converter, compatible with digital
and analogue requirements.
August 2004
Ordering Information
SL2101C/KG/NP1P SSOP
Tubes
SL2101C/KG/NP1Q SSOP
Tape & Reel
SL2101C/KG/NP2P SSOP*
Tubes
SL2101C/KG/NP2Q SSOP*
Tape & Reel
SL2101C/KG/LH2N MLP*
Trays
SL2101C/KG/LH2Q MLP*
Tape& Reel
* Pb free
All codes baked and drypacked
-40
°C to +85°C
SL2101
Synthesized Broadband Converter with
Programmable Power
Data Sheet
Figure 1 - Functional Block Diagram


Similar Part No. - SL2101CNP2Q

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Sangdest Microelectroni...
SL210A SMC-SL210A Datasheet
172Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SL2101CNP2Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com