Electronic Components Datasheet Search |
|
PBS-RP100SN1SS0K5A0Z Datasheet(PDF) 2 Page - SICK AG |
|
PBS-RP100SN1SS0K5A0Z Datasheet(HTML) 2 Page - SICK AG |
2 / 6 page A B C D E F H I J K L M N O P Q R S T PBS-RP100SN1SS0K5A0Z | PBS PRESSURE SENSORS Illustration may differ Ordering information Type Part no. PBS-RP100SN1SS0K5A0Z 6043579 Other models and accessories www.sick.com/PBS Detailed technical data Features Medium Liquid, gaseous Pressure type Gauge pressure Measuring range 0 psi ... 100 psi Process temperature –20 °C ... +85 °C Zero point adjustment Max. + 3 % of span Output signal 2 x NPN + 0 V ... 10 V Rotatable housing Display Performance Non-linearity ≤ ± 0.5 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2 Accuracy ≤ ± 1 % of the span Including non-linearity, hysteresis, zero point and full scale error (corresponds to error of mea- surement as per IEC 61298-2) Setting accuracy of switching outputs ≤ ± 0.5 % of span Response time 3 ms Long-term drift/one-year stability ≤ 0.2 % of the span according to IEC 61298-2 Temperature coefficient in rated tempera- ture range Mean TC of zero point: ≤ 0.2% of span / 10 K, Mean TC of span ≤ 0.2 % of span / 10 K Rated temperature range 0 °C ... +80 °C Service life Minimum 100 Mio. life cycles Mechanics/electronics Process connection ¼'' NPT Wetted parts Pressure connection: stainless steel 316L Pressure sensor: stainless steel 316L (for measurement ranges from 0 bar ... 10 bar rel stain- less steel 13-8 PH) Internal transmission fluid Silicone oil (only with pressure ranges < 0 bar ... 10 bar and ≤ 0 bar abs ... 25 bar abs) Pressure port Standard 2 FLUID SENSORS | SICK Online data sheet | 2016-07-27 14:33:08 Subject to change without notice |
Similar Part No. - PBS-RP100SN1SS0K5A0Z |
|
Similar Description - PBS-RP100SN1SS0K5A0Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |