Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1154NSR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75C1154NSR
Description  QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1154NSR Datasheet(HTML) 1 Page - Texas Instruments

  SN75C1154NSR Datasheet HTML 1Page - Texas Instruments SN75C1154NSR Datasheet HTML 2Page - Texas Instruments SN75C1154NSR Datasheet HTML 3Page - Texas Instruments SN75C1154NSR Datasheet HTML 4Page - Texas Instruments SN75C1154NSR Datasheet HTML 5Page - Texas Instruments SN75C1154NSR Datasheet HTML 6Page - Texas Instruments SN75C1154NSR Datasheet HTML 7Page - Texas Instruments SN75C1154NSR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN65C1154, SN75C1154
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SLLS151D – DECEMBER 1988 – REVISED APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
D Very Low Power Consumption . . .
5 mW Typ
D Wide Driver Supply Voltage . . .
±4.5 V to ±15 V
D Driver Output Slew Rate Limited to
30 V/
µs Max
D Receiver Input Hysteresis . . . 1000 mV Typ
D Push-Pull Receiver Outputs
D On-Chip Receiver 1-µs Noise Filter
description/ordering information
The SN65C1164 and SN75C1154 are low-power BiMOS devices containing four independent drivers and
receivers that are used to interface data terminal equipment (DTE) with data circuit-terminating equipment
(DCE). These devices are designed to conform to TIA/EIA-232-F. The drivers and receivers of the SN65C1154
and SN75C1154 are similar to those of the SN75C188 quadruple driver and SN75C189A quadruple receiver,
respectively. The drivers have a controlled output slew rate that is limited to a maximum of 30 V/
µs and the
receivers have filters that reject input noise pulses of shorter than 1
µs. Both these features eliminate the need
for external components.
The SN65C1154 and SN75C1154 have been designed using low-power techniques in a BiMOS technology.
In most applications, the receivers contained in these devices interface to single inputs of peripheral devices
such as ACEs, UARTs, or microprocessors. By using sampling, such peripheral devices usually are insensitive
to the transition times of the input signals. If this is not the case, or for other uses, it is recommended that the
SN65C1154 and SN75C1154 receiver outputs be buffered by single Schmitt input gates or single gates of the
HCMOS, ALS, or 74F logic families.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40
°C to 85°C
PDIP (N)
Tube of 20
SN65C1154N
SN65C1154N
PDIP (N)
Tube of 20
SN75C1154N
SN75C1154N
0
°Cto70°C
SOIC (DW)
Tube of 25
SN75C1154DW
SN75C1154
0
°C to 70°C
SOIC (DW)
Reel of 2500
SN75C1154DWR
SN75C1154
SOP (NS)
Reel of 2000
SN75C1154NSR
SN75C1154
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN65C1154 ...N PACKAGE
SN75C1154 ...DW, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
1RA
1DY
2RA
2DY
3RA
3DY
4RA
4DY
VSS
VCC
1RY
1DA
2RY
2DA
3RY
3DA
4RY
4DA
GND


Similar Part No. - SN75C1154NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1154NSR TI-SN75C1154NSR Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154NSR TI1-SN75C1154NSR Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154NSRE4 TI-SN75C1154NSRE4 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1154NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154 TI-SN75C1154 Datasheet
139Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com