Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G10DCKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G10DCKR
Description  SINGLE 3 INPUT POSITIVE NAND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G10DCKR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G10DCKR Datasheet HTML 1Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 2Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 3Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 4Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 5Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC1G10DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74LVC1G10
SINGLE 3INPUT POSITIVENAND GATE
SCES486B − SEPTEMBER 2003 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 mA
1.65 V to 5.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
V
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
V
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
All inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
2
14.8
1.3
5.5
0.8
3.8
0.6
2.7
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF or
50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
2.5
18
1.6
6.5
1.4
5
1
3.6
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
17
18
19
22
pF


Similar Part No. - SN74LVC1G10DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10DCKR TI-SN74LVC1G10DCKR Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10DCKR TI1-SN74LVC1G10DCKR Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
SN74LVC1G10DCKRE4 TI-SN74LVC1G10DCKRE4 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10DCKRG4 TI-SN74LVC1G10DCKRG4 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10DCKRG4 TI1-SN74LVC1G10DCKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
More results

Similar Description - SN74LVC1G10DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
   SINGLE 3 INPUT POSITIVE NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
logo
Texas Instruments
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com