Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N1092B Datasheet(PDF) 4 Page - Keysight Technologies

Part # N1092B
Description  N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1092B Datasheet(HTML) 4 Page - Keysight Technologies

  N1092B Datasheet HTML 1Page - Keysight Technologies N1092B Datasheet HTML 2Page - Keysight Technologies N1092B Datasheet HTML 3Page - Keysight Technologies N1092B Datasheet HTML 4Page - Keysight Technologies N1092B Datasheet HTML 5Page - Keysight Technologies N1092B Datasheet HTML 6Page - Keysight Technologies N1092B Datasheet HTML 7Page - Keysight Technologies N1092B Datasheet HTML 8Page - Keysight Technologies N1092B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
04 | Keysight | N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes - Data Sheet
Controlling the N109X (Continued)
System setup
The following guidelines indicate the fundamental requirements for PC’s connected to the
N109X and running the FlexDCA interface:
For a single channel setup (N1090A or N1092A)
– Intel I3 processor or better
– 4 GB memory
– Windows 7 (32 or 64 bit)
For a parallel test setup (multiple instruments or multiple channels)
– Intel I5 or better
– 8 GB memory
– Windows 7 (64 bit)
The communication API between your system controller and the PC is SCPI over LAN, either
VXI-11 or HiSlip. If NI-VISA or IO Libraries are used to communicate with GPIB instruments, the
switch to SCPI/LAN is very simple. It is important to note that there is no need to do any USB
programming. This is all handled by the FlexDCA interface.
The FlexDCA interface is free and can be downloaded at www.keysight.com/find/flexdca_
download. Remote programs previously developed using the 86100 FlexDCA interface can be
leveraged directly to control an automated N109X system. Use FlexDCA SCPI programming
tools to simplify conversion of legacy 86100-based automation to FlexDCA compatible code.
Measurement results are generally 50 percent faster with the new N1090A, and up to 300
percent faster with the N1092/4 due to significantly faster sampling rates.
Similar to the 86100, a reference clock, synchronous with the signal being measured, is
required to trigger the N109X. The clock input range for the N1090A is 500 MHz to 12 GHz, and
the N1092 and N1094 are 500 MHz to 28.5 GHz. Timebase calibration, previously performed
at service centers, can now be performed by users, reducing cost of ownership and instrument
down time.


Similar Part No. - N1092B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1092A KEYSIGHT-N1092A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
N1092C KEYSIGHT-N1092C Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092D KEYSIGHT-N1092D Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092E KEYSIGHT-N1092E Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
More results

Similar Description - N1092B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1094A KEYSIGHT-N1094A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092D KEYSIGHT-N1092D Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092E KEYSIGHT-N1092E Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1090A KEYSIGHT-N1090A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092C KEYSIGHT-N1092C Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092A KEYSIGHT-N1092A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
logo
TE Connectivity Ltd
114-9014 TEC-114-9014 Datasheet
369Kb / 18P
   Eurocard Connectors Types B, C, M, Q, R, and Enhanced Type C
logo
Maxim Integrated Produc...
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
logo
List of Unclassifed Man...
OA32 ETC-OA32 Datasheet
15Kb / 2P
   OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
logo
Littelfuse
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com