Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74VMEH22501 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74VMEH22501
Description  8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74VMEH22501 Datasheet HTML 6Page - Texas Instruments SN74VMEH22501 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501 Datasheet HTML 9Page - Texas Instruments SN74VMEH22501 Datasheet HTML 10Page - Texas Instruments SN74VMEH22501 Datasheet HTML 11Page - Texas Instruments SN74VMEH22501 Datasheet HTML 12Page - Texas Instruments SN74VMEH22501 Datasheet HTML 13Page - Texas Instruments SN74VMEH22501 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SN74VMEH22501
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES357E − JULY 2001 − REVISED MARCH 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions for UBT transceiver (unless
otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
fmax
120
MHz
tPLH
3A
3B
5.5
9.3
ns
tPHL
3A
3B
4.7
8.3
ns
tPLH
LE
3B
6
10.6
ns
tPHL
LE
3B
4.9
8.7
ns
tPLH
CLKAB
3B
5.8
10.1
ns
tPHL
CLKAB
3B
4.6
8.4
ns
tPZH
OE
3B
4.6
9.3
ns
tPZL
OE
3B
3.5
8.5
ns
tPHZ
OE
3B
4.8
9.3
ns
tPLZ
OE
3B
2.4
5.7
ns
tr
Transition time, B port (10%−90%)
4.3
ns
tf
Transition time, B port (90%−10%)
4.3
ns
tPLH
3B
3A
1.7
5.9
ns
tPHL
3B
3A
1.7
5.9
ns
tPLH
LE
3A
1.7
5.9
ns
tPHL
LE
3A
1.7
5.9
ns
tPLH
CLKBA
3A
1.4
5.5
ns
tPHL
CLKBA
3A
1.4
5.5
ns
tPZH
OE
3A
1.5
6.2
ns
tPZL
OE
3A
2.1
5.5
ns
tPHZ
OE
3A
1.8
6.2
ns
tPLZ
OE
3A
2.3
5.6
ns
skew characteristics for bus transceiver for specific worst-case VCC and temperature within the
recommended ranges of supply voltage and operating free-air temperature (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tsk(LH)
1A or 2A
1B or 2B
0.8
ns
tsk(HL)
1A or 2A
1B or 2B
0.7
ns
tsk(LH)
1B or 2B
1Y or 2Y
0.7
ns
tsk(HL)
1B or 2B
1Y or 2Y
0.6
ns
tsk(t)†
1A or 2A
1B or 2B
1.7
ns
tsk(t)†
1B or 2B
1Y or 2Y
1.2
ns
tsk(pp)
1A or 2A
1B or 2B
2.8
ns
tsk(pp)
1B or 2B
1Y or 2Y
1.4
ns
† tsk(t) − Output-to-output skew is defined as the absolute value of the difference between the actual propagation delay for all outputs of the same
packaged device. The specifications are given for specific worst-case VCC and temperature and apply to any outputs switching in opposite
directions, both low to high (LH) and high to low (HL) [tsk(t)].


Similar Part No. - SN74VMEH22501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Similar Description - SN74VMEH22501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com