Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1792 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1792 Datasheet HTML 6Page - Diodes Incorporated AL1792 Datasheet HTML 7Page - Diodes Incorporated AL1792 Datasheet HTML 8Page - Diodes Incorporated AL1792 Datasheet HTML 9Page - Diodes Incorporated AL1792 Datasheet HTML 10Page - Diodes Incorporated AL1792 Datasheet HTML 11Page - Diodes Incorporated AL1792 Datasheet HTML 12Page - Diodes Incorporated AL1792 Datasheet HTML 13Page - Diodes Incorporated AL1792 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
10 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Typical Performance Characteristics (continued)
Figure 12 LED Open Protect Deglitch Time
Figure 13 LEDx Current vs. VLEDx
Figure 14 Minimum LED Regulation Voltage vs. RSET
Figure 15 V(REF) vs. Temperature
Figure 16 I(LED1) vs. Temperature
Figure 17 Minimum LED Regulation Voltage vs. Temperature
0
0.5
1
1.5
2
2.5
3
I(LED1) (mA)
I(LED2) (mA)
I(LED3) (mA)
I(LED4) (mA)
V
LEDx (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
5
10
15
20
25
R
SET (Kohm)
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
1.58
1.6
-40
-20
0
20
40
60
80
100
120
T (
℃)
240
242
244
246
248
250
252
254
256
258
260
-40
-20
0
20
40
60
80
100
120
T (
℃)
0
0.05
0.1
0.15
0.2
0.25
0.3
-40
-20
0
20
40
60
80
100
120
T (
℃)
PWM1
5V/div
LED1
10V/div
I(LED1)
200mA/div
FAULTB
5V/div
1ms/div


Similar Part No. - AL1792

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1794AFE-13 DIODES-AL1794AFE-13 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - AL1792

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
logo
Texas Instruments
TPS92518 TI1-TPS92518 Datasheet
1Mb / 59P
[Old version datasheet]   Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
   PWM dimming control
logo
CINCON ELECTRONICS Corp...
PDM CINCON-PDM Datasheet
222Kb / 2P
   PWM Dimming Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com