Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1695-20C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1695-20C
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1695-20C Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1695-20C Datasheet HTML 1Page - Diodes Incorporated AP1695-20C Datasheet HTML 2Page - Diodes Incorporated AP1695-20C Datasheet HTML 3Page - Diodes Incorporated AP1695-20C Datasheet HTML 4Page - Diodes Incorporated AP1695-20C Datasheet HTML 5Page - Diodes Incorporated AP1695-20C Datasheet HTML 6Page - Diodes Incorporated AP1695-20C Datasheet HTML 7Page - Diodes Incorporated AP1695-20C Datasheet HTML 8Page - Diodes Incorporated AP1695-20C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP1695-20C
Document number: DS37538 Rev. 1 - 2
4 of 15
www.diodes.com
March 2015
© Diodes Incorporated
AP1695-20C
Functional Block Diagram
Tons
Power_EN
Driver
FB
VCC
Drain
PFM
R
S
Q
Vref
CC_CTRL
TONP_CTRL
CS
Vdd
PRO
CS_OCP
FB_CV
FB_OVP
VCC_OVP
Logic
Vcsmax
Vcs_valley
RI
5
3
2
1
6
S
7
4
GND
Tons
Detector
Set Initial Tonp
Constant Turn-
on Time
Generation
Protection
& Latch
Regulator &
Bias
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 35
V
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input Voltage
-40 to 10
V
VDrain
Voltage On Drain
600
V
ID
Continue Drain Current Tc = +25
oC
2.0
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
PD
Power Dissipation (TA = +50C)
0.65
W
θJA
Thermal Resistance (Junction to Ambient)
160
°C/W
ESD (Human Body Model)
±2000
V
ESD (Machine Model)
±200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.


Similar Part No. - AP1695-20C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
AP1695MTR-G1 DIODES-AP1695MTR-G1 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
More results

Similar Description - AP1695-20C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com