Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4269A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV4269A
Description  Micropower 150 mA LDO Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269A Datasheet(HTML) 2 Page - ON Semiconductor

  NCV4269A Datasheet HTML 1Page - ON Semiconductor NCV4269A Datasheet HTML 2Page - ON Semiconductor NCV4269A Datasheet HTML 3Page - ON Semiconductor NCV4269A Datasheet HTML 4Page - ON Semiconductor NCV4269A Datasheet HTML 5Page - ON Semiconductor NCV4269A Datasheet HTML 6Page - ON Semiconductor NCV4269A Datasheet HTML 7Page - ON Semiconductor NCV4269A Datasheet HTML 8Page - ON Semiconductor NCV4269A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCV4269A
www.onsemi.com
2
I
RO
Q
SO
RADJ
D
Figure 1. Block Diagram
GND
SI
Reference
or
RRO
RSO
Error
Amplifier
Reference
and Trim
Current and
Saturation
Control
+
PIN CONNECTIONS
SO
RO
Q
GND
GND
GND
GND
GND
114
GND
GND
I
D
SI
RADJ
1
20
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
I
D
SI
RADJ
Q
NC
SO
RO
SO−20L
SO−14
GND
D
18
RO
RADJ
SO
SI
Q
I
SO−8
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin
Symbol
Function
SO−8
SO−8 EP
SO−14
SO−20L
3
3
1
1
RADJ
Reset Threshold Adjust; if not used to connect to GND.
4
4
2
2
D
Reset Delay; To Set Time Delay, Connect to GND with Capacitor
5
5
3, 4, 5, 6,
10, 11, 12
4, 5, 6, 7, 14,
15, 16, 17
GND
Ground
3, 8, 9, 13, 18
NC
No connection to these pins from the IC.
6
6
7
10
RO
Reset Output; The Open−Collector Output has a 20 k
W Pullup Resistor
to Q. Leave Open if Not Used.
7
7
8
11
SO
Sense Output; This Open−Collector Output is Internally Pulled Up by
20 k
W pullup resistor to Q. If not used, keep open.
8
8
9
12
Q
5 V or 3.3 V Output; Connect to GND with a 10
mF Capacitor, ESR < 5 W
1
1
13
19
I
Input; Connect to GND Directly at the IC with a Ceramic Capacitor.
2
2
14
20
SI
Sense Input; If not used, Connect to Q.
EPAD
EPAD
Connect to ground potential or leave unconnected


Similar Part No. - NCV4269A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269AD150G ONSEMI-NCV4269AD150G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269AD150R2G ONSEMI-NCV4269AD150R2G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269AD250G ONSEMI-NCV4269AD250G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269AD250R2G ONSEMI-NCV4269AD250R2G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
More results

Similar Description - NCV4269A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com