Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4269AD150G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4269AD150G
Description  Micropower 150 mA LDO Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269AD150G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4269AD150G Datasheet HTML 1Page - ON Semiconductor NCV4269AD150G Datasheet HTML 2Page - ON Semiconductor NCV4269AD150G Datasheet HTML 3Page - ON Semiconductor NCV4269AD150G Datasheet HTML 4Page - ON Semiconductor NCV4269AD150G Datasheet HTML 5Page - ON Semiconductor NCV4269AD150G Datasheet HTML 6Page - ON Semiconductor NCV4269AD150G Datasheet HTML 7Page - ON Semiconductor NCV4269AD150G Datasheet HTML 8Page - ON Semiconductor NCV4269AD150G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCV4269A
www.onsemi.com
3
MAXIMUM RATINGS (TJ = −40°C to 150°C)
Parameter
Symbol
Min
Max
Unit
Input to Regulator
VI
II
−40
Internally Limited
45
Internally Limited
V
Input Transient to Regulator
VI
60
V
Sense Input
VSI
ISI
−40
−1
45
1
V
mA
Reset Threshold Adjust
VRADJ
IRADJ
−0.3
−10
7
10
V
mA
Reset Delay
VD
ID
−0.3
Internally Limited
7
Internally Limited
V
Ground
Iq
50
mA
Reset Output
VRO
IRO
−0.3
Internally Limited
7
Internally Limited
V
Sense Output
VSO
ISO
−0.3
Internally Limited
7
Internally Limited
V
Regulated Output
VQ
IQ
−0.5
−10
7.0
V
mA
Junction Temperature
Storage Temperature
TJ
TSTG
−50
150
150
°C
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING RANGE
Input Voltage Operating Range
5.0 Version
3.3 Version
VI
5.5
4.4
45
45
V
Junction Temperature Operating Range
TJ
−40
150
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
LEAD TEMPERATURE SOLDERING AND MSL
Parameter
Symbol
Value
MSL, 20−Lead LS Temperature 265
°C Peak (Note 3)
MSL
3
MSL, 8−Lead, 14−Lead, LS Temperature 265
°C Peak (Note 3)
MSL
1
MSL, 8−Lead EP, LS Temperature 260
°C
MSL
2
1. This device series incorporates ESD protection and exceeds the following ratings:
Human Body Model (HBM)
≤ 4.0 kV per AEC−Q100−002.
Machine Model (MM)
≤ 200 V per AEC−Q100−003.
2. Latchup Current Maximum Rating:
≤ 150 mA per AEC−Q100−004.
3. +5
°C/−0°C, 40 Sec Max−at−Peak, 60 − 150 Sec above 217°C.


Similar Part No. - NCV4269AD150G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269AD150G ONSEMI-NCV4269AD150G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
More results

Similar Description - NCV4269AD150G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com