Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276B Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV4276B
Description  400 mA Low?륞rop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV4276B_14 Datasheet HTML 5Page - ON Semiconductor NCV4276B_14 Datasheet HTML 6Page - ON Semiconductor NCV4276B_14 Datasheet HTML 7Page - ON Semiconductor NCV4276B_14 Datasheet HTML 8Page - ON Semiconductor NCV4276B_14 Datasheet HTML 9Page - ON Semiconductor NCV4276B_14 Datasheet HTML 10Page - ON Semiconductor NCV4276B_14 Datasheet HTML 11Page - ON Semiconductor NCV4276B_14 Datasheet HTML 12Page - ON Semiconductor NCV4276B_14 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCV4276B
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS − Adjustable Version
2.45
2.46
2.47
2.51
2.55
−40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
02
4
6
8
10
VI, INPUT VOLTAGE (V)
TJ = 25°C
RL = 20 W
Figure 20. Output Voltage vs. Junction
Temperature, Adjustable Version
2.48
2.49
2.50
2.52
2.53
2.54
0
0.5
1.0
1.5
2.0
3.0
5.0
0
1020
3040
50
VI, INPUT VOLTAGE (V)
TJ = 25°C
RL = 20 W
Figure 21. Current Consumption vs. Input
Voltage, Adjustable Version
3.5
4.0
2.5
4.5
−18
−16
−14
−8
−6
−4
2
−50
−25
0
25
VI, INPUT VOLTAGE (V)
TJ = 25°C
RL = 6.8 kW
50
−12
−10
−2
0
Figure 22. Low Voltage Behavior,
Adjustable Version
Figure 23. High Voltage Behavior,
Adjustable Version
VI = 13.5 V
TJ = 25°C


Similar Part No. - NCV4276B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276BDTADJRKG ONSEMI-NCV4276BDTADJRKG Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results

Similar Description - NCV4276B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com