Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276BDS33R4G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV4276BDS33R4G
Description  400 mA Low?륞rop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276BDS33R4G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV4276BDS33R4G Datasheet HTML 6Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 7Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 8Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 9Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 10Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 11Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 12Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 13Page - ON Semiconductor NCV4276BDS33R4G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCV4276B
http://onsemi.com
10
TYPICAL PERFORMANCE CHARACTERISTICS − Adjustable Version
0
0.2
0.4
1.6
0
10203040
60
IQ, OUTPUT CURRENT (mA)
TJ = 25°C
0
100
200
300
400
500
600
0
50
100
150
350 400
IQ, OUTPUT CURRENT (mA)
TJ = 25°C
VI = 13.5 V
Figure 24. Dropout Voltage vs. Output Current,
Regulator Set at 5.0 V, Adjustable Version
0.6
0.8
1.0
1.2
1.4
50
200
250
300
TJ = 125°C
0
100
200
300
400
500
800
0
1020
3040
50
VI, INPUT VOLTAGE (V)
TJ = 25°C
VQ = 0 V
Figure 25. Maximum Output Current vs.
Input Voltage, Adjustable Version
600
700
0
10
20
30
40
50
60
0
100
200
300
400
IQ, OUTPUT CURRENT (mA)
TJ = 25°C
VI = 13.5 V
Figure 26. Current Consumption vs.
Output Current (High Load), Adjustable Version
500
600
Figure 27. Current Consumption vs. Output
Current (Low Load), Adjustable Version


Similar Part No. - NCV4276BDS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
More results

Similar Description - NCV4276BDS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com