Electronic Components Datasheet Search |
|
NCV4275ADS33R4G Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCV4275ADS33R4G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 19 page © Semiconductor Components Industries, LLC, 2014 October, 2014 − Rev. 4 1 Publication Order Number: NCV4275A/D NCV4275A 5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset The NCV4275A is an integrated low dropout regulator designed for use in harsh automotive environments. It includes wide operating temperature and input voltage ranges. The output is regulated at 5.0 V or 3.3 V and is rated to 450 mA of output current. It also provides a number of features, including overcurrent protection, overtemperature protection and a programmable microprocessor reset. The NCV4275A is available in the DPAK and D2PAK surface mount packages. The output is stable over a wide output capacitance and ESR range. The NCV4275A is pin for pin compatible with NCV4275. Features • 5.0 V and 3.3 V, ±2% Output Voltage Options • 450 mA Output Current • Very Low Current Consumption • Active Reset Output • Reset Low Down to VQ = 1.0 V • 500 mV (max) Dropout Voltage • Fault Protection ♦ +45 V Peak Transient Voltage ♦ −42 V Reverse Voltage ♦ Short Circuit Protection ♦ Thermal Overload Protection • AEC−Q100 Grade 1 Qualified and PPAP Capable • Pin Compatible with NCV4275 • These are Pb−Free Devices Applications • Auto Body Electronics + − I D Q GND RO Current Limit and Saturation Sense Bandgap Reference Thermal Shutdown Reset Generator Figure 1. Block Diagram Error Amplifier D2PAK, 5−PIN DS SUFFIX CASE 936A 1 5 DPAK, 5−PIN DT SUFFIX CASE 175AA Pin 1. I 2. RO Tab, 3. GND* 4. D 5. Q * Tab is connected to Pin 3 on all packages ORDERING INFORMATION 1 5 MARKING DIAGRAMS 1 1 x = 5 (5.0 V Output) or 3 (3.3 V Output) A = Assembly Location WL, L = Wafer Lot Y = Year WW = Work Week G = Pb−Free Package 4275AxG ALYWW NC V4275Ax AWLYWWG See detailed ordering and shipping information in the dimensions section on page 17 of this data sheet. www.onsemi.com |
Similar Part No. - NCV4275ADS33R4G |
|
Similar Description - NCV4275ADS33R4G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |