Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4275ADS33R4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4275ADS33R4G
Description  Low-Dropout Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4275ADS33R4G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4275ADS33R4G Datasheet HTML 1Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 2Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 3Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 4Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 5Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 6Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 7Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 8Page - ON Semiconductor NCV4275ADS33R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NCV4275A
www.onsemi.com
3
OPERATING RANGE
Input Voltage Operating Range, 5.0 V Output
VI
5.5
42
V
Input Voltage Operating Range, 3.3 V Output
VI
4.4
42
V
Junction Temperature
TJ
−40
150
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.
LEAD TEMPERATURE SOLDERING REFLOW AND MSL (Note 2)
Lead Free, 60 sec−150 sec above 217
°C
TSLD
265 Peak
°C
Moisture Sensitivity Level
MSL
1
THERMAL CHARACTERISTICS
Characteristic
Test Conditions (Typical Value)
Unit
DPAK 5−PIN PACKAGE
Min Pad Board (Note 3)
1
″ Pad Board (Note 4)
Junction−to−Tab (RqJT)
4.2
4.7
°C/W
Junction−to−Ambient (RqJA)
100.9
46.8
°C/W
D2PAK 5−PIN PACKAGE
0.4 sq. in. Spreader Board (Note 5)
1.2 sq. in. Spreader Board (Note 6)
Junction−to−Tab (RqJT)
3.8
4.0
°C/W
Junction−to−Ambient (RqJA)
74.8
41.6
°C/W
2. PRR IPC / JEDEC J−STD−020C
3. 1 oz. copper, 0.26 inch2 (168 mm2) copper area, 0.062
″ thick FR4.
4. 1 oz. copper, 1.14 inch2 (736 mm2) copper area, 0.062
″ thick FR4.
5. 1 oz. copper, 0.373 inch2 (241 mm2) copper area, 0.062
″ thick FR4.
6. 1 oz. copper, 1.222 inch2 (788 mm2) copper area, 0.062
″ thick FR4.


Similar Part No. - NCV4275ADS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4275ADS33R4G ONSEMI-NCV4275ADS33R4G Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
More results

Similar Description - NCV4275ADS33R4G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com