Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25310Q2 Datasheet(PDF) 1 Page - Zhaoxingwei Electronics ., Ltd

Part # CSD25310Q2
Description  Power Management Switch Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

CSD25310Q2 Datasheet(HTML) 1 Page - Zhaoxingwei Electronics ., Ltd

  CSD25310Q2 Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd CSD25310Q2 Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd CSD25310Q2 Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd CSD25310Q2 Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd CSD25310Q2 Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Power Management Switch Applications
• Low ON-resistance: RDS(ON) = 43.0 mΩ (max) (@VGS = -1.5 V)
RDS(ON) = 26.5 mΩ (max) (@VGS = -1.8 V)
RDS(ON) = 19.0 mΩ (max) (@VGS = -2.5 V)
RDS(ON) = 15.3 mΩ (max) (@VGS = -4.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDSS
−20
V
Gate-Source voltage
VGSS
±8
V
Drain current
Pulse
IDP (Note 1)
−30
A
PD(Note 2)
1
Power dissipation
t≦10s
2
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Note 1: The pulse width limited by max channel temperature.
Note 2: Mounted on an FR4 board.
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 645 mm2)
Equivalent Circuit(Top View)
Pin Condition(Top View)
Unit: mm
Plastic Package
Weight: 8.5 mg (typ.)
Polarity marking (on the top)
*Electrodes : on the bottom
13
2
5
4
6
1
3
2
5
4
6
Drain
Source
1,2,5,6: Drain
3: Gate
4: Source
CSD25310Q2
SMD Type
MosFET
SON 2 x 2 mm


Similar Part No. - CSD25310Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD25310Q2T TI1-CSD25310Q2T Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
More results

Similar Description - CSD25310Q2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
   Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
   Power Management Switch Applications
SSM3J306T TOSHIBA-SSM3J306T Datasheet
168Kb / 6P
   Power management switch Applications
SSM3K104TU TOSHIBA-SSM3K104TU Datasheet
144Kb / 5P
   Power Management Switch Applications
SSM3K302T TOSHIBA-SSM3K302T Datasheet
170Kb / 6P
   Power Management Switch Applications
SSM6L14FE TOSHIBA-SSM6L14FE Datasheet
240Kb / 9P
   Power Management Switch Applications
SSM6P47NU TOSHIBA-SSM6P47NU Datasheet
186Kb / 6P
   Power Management Switch Applications
SSM6L39TU TOSHIBA-SSM6L39TU Datasheet
266Kb / 9P
   Power Management Switch Applications
SSM6L40TU TOSHIBA-SSM6L40TU Datasheet
265Kb / 9P
   Power Management Switch Applications
SSM6P39TU TOSHIBA-SSM6P39TU Datasheet
210Kb / 7P
   Power Management Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com