Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80NF06 Datasheet(PDF) 7 Page - STMicroelectronics

Part # P80NF06
Description  N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P80NF06 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button P80NF06 Datasheet HTML 3Page - STMicroelectronics P80NF06 Datasheet HTML 4Page - STMicroelectronics P80NF06 Datasheet HTML 5Page - STMicroelectronics P80NF06 Datasheet HTML 6Page - STMicroelectronics P80NF06 Datasheet HTML 7Page - STMicroelectronics P80NF06 Datasheet HTML 8Page - STMicroelectronics P80NF06 Datasheet HTML 9Page - STMicroelectronics P80NF06 Datasheet HTML 10Page - STMicroelectronics P80NF06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STP80NF06 - STB80NF06 - STW80NF06
Electrical characteristics
7/14
Figure 7.
Gate charge vs gate-source voltage Figure 8.
Capacitance variations
Figure 9.
Normalized gate threshold voltage
vs temperature
Figure 10. Normalized on resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics
Figure 12.
Normalized breakdown voltage vs tj


Similar Part No. - P80NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P80NF10 STMICROELECTRONICS-P80NF10 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
P80NF10FP STMICROELECTRONICS-P80NF10FP Datasheet
226Kb / 12P
   N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
Rev 1 April 2006
P80NF12 STMICROELECTRONICS-P80NF12 Datasheet
247Kb / 12P
   N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
P80NF55-06 STMICROELECTRONICS-P80NF55-06 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
logo
VBsemi Electronics Co.,...
P80NF55-06FP VBSEMI-P80NF55-06FP Datasheet
993Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - P80NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET??POWER MOSFET
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
   N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
   N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
logo
STMicroelectronics
STW80NE06-10 STMICROELECTRONICS-STW80NE06-10 Datasheet
82Kb / 8P
   N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
STP45NF06L STMICROELECTRONICS-STP45NF06L Datasheet
441Kb / 10P
   N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET??II POWER MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
   N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
   N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com