Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ3134K-SOT23 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ3134K-SOT23
Description  SOT-23 Plastic-Encapsulate MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ3134K-SOT23 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ3134K-SOT23 Datasheet HTML 1Page - ZP Semiconductor CJ3134K-SOT23 Datasheet HTML 2Page - ZP Semiconductor CJ3134K-SOT23 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 Plastic-Encapsulate MOSFETS
CJ3134K
N-Channel MOSFET
FEATURES
Lead Free Product is Acquired
Surface Mount Package
N-Channel Switch with Low RDS(on)
Operated at Low Logic Level Gate Drive
APPLICATIONS
Load/Power Switching
Interfacing Switching
Battery Management for Ultra Small Portable Electronics
Logic Level Shift
MARKING: 34K
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current (note 1)
ID
0.75
A
Pulsed Drain Current (tp=10μs)
IDM
1.8
A
Power Dissipation (note 1)
PD
350
mW
Thermal Resistance from Junction to Ambient (note 1)
RθJA
357
℃/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~+150
Lead Temperature for Soldering Purposes(1/8” duration for 10 s)
TL
260
SOT-23
1. GATE
2. SOURCE
3. DRAIN
1 of 3
sales@zpsemi.com
www.zpsemi.com
CJ3134K


Similar Part No. - CJ3134K-SOT23

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3134K-SOT723 ZPSEMI-CJ3134K-SOT723 Datasheet
1Mb / 3P
   SOT-723 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ3134K-SOT23

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETs
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Microdiode Electronics ...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Nanjing International G...
NJ2301 DGNJDZ-NJ2301 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com