Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1003800-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1003800-5
Description  Accelerometer ACH-04-08-05
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1003800-5 Datasheet(HTML) 1 Page - Tyco Electronics

  1003800-5 Datasheet HTML 1Page - Tyco Electronics 1003800-5 Datasheet HTML 2Page - Tyco Electronics 1003800-5 Datasheet HTML 3Page - Tyco Electronics 1003800-5 Datasheet HTML 4Page - Tyco Electronics 1003800-5 Datasheet HTML 5Page - Tyco Electronics 1003800-5 Datasheet HTML 6Page - Tyco Electronics 1003800-5 Datasheet HTML 7Page - Tyco Electronics 1003800-5 Datasheet HTML 8Page - Tyco Electronics 1003800-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Application Specification
Accelerometer ACH-04-08-05
114-27002
27 AUG 98 Rev A
©Copyright 1996 by MSI. All International Rights Reserved.
1 of 10
INFORMATIONAL
For drawings, technical data or samples, call 610-650-1500
NOTES AND
Specifications subject to change. Consult MSI for latest specifications.
DISCLAIMER
PN: 1003800-5 LOC ER
1.0 INTRODUCTION
This specification covers the application requirements of Measurement Specialties Accelerometer ACH-04-08-05.
The accelerometer contains three piezoelectric sensing elements oriented to simultaneously measure acceleration
in three orthogonal, linear axes. Internal JFET’s provide for a low impedance, buffered output with a wide variety of
possible, application specific, signal conditioning circuitry. The sensor responds over a broad frequency range, from
below 0.5Hz to above 5kHz, as a result of the integrated electronics and the damped sensing elements.
The ACH-04-08-05 accelerometer can be used in a wide range of applications including motional measurement and
control systems, speaker feedback systems, vibration switches, shipment monitor and material handling systems,
security systems, computer input/output devices, and data loggers. The device is not IR reflow solderable.
Features of the accelerometer include:
I Fully Contained 3-Axis Accelerometer
I Three Simultaneous Analog Outputs
I Low Frequency Response
I Low-Impedance Output
I High Resonant Frequency & Low Q
I Ultra-Low Power
I Excellent Linearity
I Low Cost
2.0 REFERENCE MATERIALS
2.1 Revision Summary
This paragraph is reserved for a revision summary of changes and additions made to this specification. Revision A
changes include: document format, improved transverse sensitivity, interface circuit corrections, Analog Test PCB
Kit description, and additional performance curves.


Similar Part No. - 1003800-5

ManufacturerPart #DatasheetDescription
logo
Heyco.
10038 HEYCO-10038 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10038334 FCI-CONNECTOR-10038334 Datasheet
176Kb / 2P
   SAS RECEPTACLE EXTENDED HEIGHT VERTICAL SMT TYPE ASSY
10038334-001LF FCI-CONNECTOR-10038334-001LF Datasheet
176Kb / 2P
   SAS RECEPTACLE EXTENDED HEIGHT VERTICAL SMT TYPE ASSY
logo
SICK AG
1003865 SICK-1003865 Datasheet
507Kb / 6P
   COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
logo
Schneider Electric
1003878A SCHNEIDER-1003878A Datasheet
121Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 5 jaws w/o release, horn, N3R, steel
More results

Similar Description - 1003800-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803_12 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8803/04/05/06 Evaluation Module
logo
Johanson Technology Inc...
2450FB15K0003 JOHANSON-2450FB15K0003 Datasheet
126Kb / 2P
   2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
2450FB15K0003 JOHANSON-2450FB15K0003_09 Datasheet
120Kb / 2P
   2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
2450FB15K0008 JOHANSON-2450FB15K0008 Datasheet
166Kb / 3P
   2450 MHz Matched Balun-Filter for CSR BC 04/05/06 Series Chipset
logo
Samtec, Inc
ASP-134604-01 SAMTEC-ASP-134604-01 Datasheet
785Kb / 4P
   1. VITA 57 CONNECTOR.2. FILL ROWS 03, 04, 07 & -08 ONLY
logo
ELMOS Semiconductor AG
E52201 ELMOS-E52201 Datasheet
1Mb / 24P
   The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
   Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1 Datasheet
181Kb / 2P
   PHOTODIODE 05 mm
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
   04-SRJ10
logo
RMT Ltd.
2MC04-083-05 RMT-2MC04-083-05 Datasheet
252Kb / 4P
   2MC04-083-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com