Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100503880001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100503880001
Description  M 2.54 SRC-A, 4-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100503880001 Datasheet(HTML) 1 Page - ERNI Electronics

  100503880001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging
Verpackungseinheit: 440 Stück
Verpackt in Gurtverpackung
Packaging unit: 440 pcs
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
a1
20
b
Index
prior notice.
A3
Class
K
02.11.2015
SRCA
M 2,54 SRC-A, 4-polig
100503880001
3:1
www.ERNI.com
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
contact one of the ERNI companies
before using.
Subject to modification without
coding red
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung rot -
Date
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
-0,03
3 x 2,54 =
0,4
1,95
1,6
1,02
7,62
13,92
2,54
±0,05
3,15 ±0,03
5,05
0,75 -0,1
a1
7,62
3,9
0,9
±0,05
12,92
13,92
4,5
0,3
3 x 2,54 =
2,54
15,42
16,62


Similar Part No. - 100503880001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100503820001 ERNI-100503820001 Datasheet
92Kb / 1P
   Messerl. SMC-Q-50-SMD-BA3-03
100503840001 ERNI-100503840001 Datasheet
53Kb / 1P
   M 2,54 SRC-P, 2-polig
More results

Similar Description - 100503880001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100602670003 ERNI-100602670003 Datasheet
56Kb / 1P
   M 2.54 SRC-A, 4-polig
100603880001 ERNI-100603880001 Datasheet
56Kb / 1P
   M 2.54 SRC-A, 4-polig
100402480007 ERNI-100402480007 Datasheet
61Kb / 1P
   M 2.54 SRC-A, 8-polig
100102670003 ERNI-100102670003 Datasheet
61Kb / 1P
   M 2.54 SRC-A, 8-polig
100103210082 ERNI-100103210082 Datasheet
58Kb / 1P
   M 2.54 SRC-A,6-polig
100604240001 ERNI-100604240001 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100102480005 ERNI-100102480005 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100203210105 ERNI-100203210105 Datasheet
57Kb / 1P
   M 2.54 SRC-A, 5-polig
100403210170 ERNI-100403210170 Datasheet
61Kb / 1P
   M 2.54 SRC-A, 8-polig
100403210131 ERNI-100403210131 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com