Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIUA61-S06 Datasheet(PDF) 1 Page - Vitec Power

Part # SIUA61-S06
Description  63W U-Bracket Power Supply for Industrial Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA61-S06 Datasheet(HTML) 1 Page - Vitec Power

  SIUA61-S06 Datasheet HTML 1Page - Vitec Power SIUA61-S06 Datasheet HTML 2Page - Vitec Power SIUA61-S06 Datasheet HTML 3Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIUA61 SERIES
63W U-Bracket Power Supply for Industrial Equipment
Wide Input Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
Single to Quad Output
DINKLE 3 pin input connecter
Output Voltage Available from 3VDC through 48VDC
Input connector mates with screw terminal (DINKLE#ESK750V-02P)(10-24AWG)
Output connector mates with screw terminal (DINKLE#ESK750V-05P)(10-24AWG)
Class I Insulation
Size: 3.2"x5"x1.38"
Power Fail Detect (Optional)
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIUA61-S01
3 - 5 VDC
16.66 - 10.0 A
5%
50W
SIUA61-S02
5 - 6 VDC
11.0 - 9.16 A
5%
55W
SIUA61-S03
6 - 8 VDC
10.0 - 7.50 A
4%
60W
SIUA61-S04
8 - 11 VDC
7.87 - 5.72 A
3%
63W
SIUA61-S05
11 - 13 VDC
5.72 - 4.84 A
3%
63W
SIUA61-S05-1
11 - 13 VDC
4.09 - 3.46 A
3%
45W
SIUA61-S06
13 - 16 VDC
4.84 - 3.93 A
3%
63W
SIUA61-S07
16 - 21 VDC
3.93 - 3.00 A
3%
63W
SIUA61-S08
21 - 27 VDC
3.00 - 2.33 A
2%
63W
SIUA61-S09
27 - 33 VDC
2.33 - 1.90 A
2%
63W
SIUA61-S10
33 - 40 VDC
1.90 - 1.57 A
2%
63W
SIUA61-S11
40 - 48 VDC
1.57 - 1.31 A
2%
63W
Multi Output
Product Number
Output #1
Output #2
Output #3
Output #4
Maximum
Output
Power
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax
SIUA61-D00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SIUA61-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SIUA61-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SIUA61-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SIUA61-D04
+3.3V
1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SIUA61-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SIUA61-T00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIUA61-T00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIUA61-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SIUA61-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SIUA61-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIUA61-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIUA61-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SIUA61-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SIUA61-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SIUA61-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SIUA61-T06
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SIUA61-T06-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SIUA61-T08
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SIUA61-T08-1
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SIUA61-Q00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA61-Q00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA61-Q00-2
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA61-Q00-3
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA61-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA61-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA61-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA61-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA61-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SIUA61-Q02-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W


Similar Part No. - SIUA61-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA61-S06 Vitec-SIUA61-S06 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
More results

Similar Description - SIUA61-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63 Vitec-SIUA63 Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63-SERIES Vitec-SIUA63-SERIES Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61 Vitec-SIUA61 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA60 Vitec-SIUA60 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA62 Vitec-SIUA62 Datasheet
631Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA62-SERIES Vitec-SIUA62-SERIES Datasheet
631Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA61-SERIES Vitec-SMUA61-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com