Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA06C-00SADJJ Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LGA06C-00SADJJ
Description  3, 6, 10 and 20 A output current rating Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA06C-00SADJJ Datasheet(HTML) 1 Page - Artesyn Technologies

  LGA06C-00SADJJ Datasheet HTML 1Page - Artesyn Technologies LGA06C-00SADJJ Datasheet HTML 2Page - Artesyn Technologies LGA06C-00SADJJ Datasheet HTML 3Page - Artesyn Technologies LGA06C-00SADJJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LGA C Series
15 - 100 Watts
Total Power: 15 - 100 W
# of Outputs: Single
SPECIAL FEATURES
ƒ
3, 6, 10 and 20 A output current rating
ƒ
Wide input voltage range;
up to 14 V
ƒ
Adjustable output voltage;
0.59-5.1 V
ƒ
Excellent transient response
ƒ
High efficiency
ƒ
Output margining
ƒ
Power enable
ƒ
Minimal airflow requirement
ƒ
Termination voltage capability
ƒ
Ultra compact profile and
footprint
ƒ
RoHS compliant
ƒ
Remote sense
ƒ
Termination voltage capability
SAFETY
ƒ
Designed to meet EN60950
ƒ
International Standards for
Solderability: J-STD-002B
IEC-60068-2-58
Electrical Specifications
Output
3/6/10 A Models
20 A Model
Output voltage
See Page 3
0.59 - 5.1 V
Output setpoint accuracy
0.1% trim resistors
±1.0%
Line regulation
±0.2%
Load regulation
±0.5%
Max Current Max Power
15/30/50 W
100 W
Overshoot
At turn-on
0%
Undershoot
At turn-off
0 mV
Ripple and noise
5 Hz to 20 MHz
See Note 1
Vin = 5 V, Vout = 2.5 V
20/25/30 mV
30 mV
Transient response
See Notes 1 and 2
Vin = 5 V, Vout = 2.5 V
100/160/160 mV
15 µs recovery to
within regulation
band
1175 mV
15 µs recovery to
within regulation
band
Input
Input voltage range3
3 - 14 Vdc
4.5 - 14 Vdc
Input current
Enable On at (0 A)
Enable Off
50 mA
5 mA
Start-up time
Power up
Enable On/Off
3 ms
2 ms
General
Efficiency
Vin = 5 Vout, Vo = 2.5 V,
Iout = 50% Imax
92% typ.
92% typ.
Switching frequency
1 MHz
800 kHz
Material flammability
UL94V-0
MTBF
12 V @ 40 °C
100% load
Bellcore 332
> 20,000,000 hours
Coplanarity
150 µm
Thermal performance
See Technical Reference
Note
Operating ambient
Non-operating ambient
-40 °C to +85 °C
-40 °C to +125 °C
Data Sheet


Similar Part No. - LGA06C-00SADJJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LGA06C-00SADJJ ARTESYN-LGA06C-00SADJJ Datasheet
712Kb / 4P
   15 - 100 Watts POWER
More results

Similar Description - LGA06C-00SADJJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
   10 A Current rating
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
logo
WAGO Kontakttechnik Gmb...
2787-2347 WAGO-2787-2347 Datasheet
226Kb / 9P
   Power supply; Pro 2; 3-phase; 24 VDC output voltage; 20 A output current
18.10.2021
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
logo
Amphenol Corporation
C-L17DM53744206C309 AMPHENOL-C-L17DM53744206C309 Datasheet
112Kb / 1P
   current rating-20 to 30a
C-L17DM53745207C309 AMPHENOL-C-L17DM53745207C309 Datasheet
103Kb / 1P
   current rating-20 to 30a
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
   current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
   current rating-10 to 20a
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com