Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA20C-01SADJJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LGA20C-01SADJJ
Description  3, 6, 10 and 20 A output current rating Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA20C-01SADJJ Datasheet(HTML) 2 Page - Artesyn Technologies

  LGA20C-01SADJJ Datasheet HTML 1Page - Artesyn Technologies LGA20C-01SADJJ Datasheet HTML 2Page - Artesyn Technologies LGA20C-01SADJJ Datasheet HTML 3Page - Artesyn Technologies LGA20C-01SADJJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LGA C Series Data Sheet
LGA
-
HTSK
-
KIT
-
XXX
LGA
XX
C
-
00
SADJ
X
J
Ordering Information
Standard Model
Numbers
Output Power
(Max.)
Input Voltage
Output Voltage
Output Current
Efficiency
(Typical)
Regulation
Min
Max
Min
Max
LGA03C-00SADJJ
15 W
3 - 14.0 Vdc
0.59 - 5.1 Vdc
0 A
3 A
92%
±0.2%
±0.5%
LGA06C-00SADJJ
30 W
3 - 14.0 Vdc
0.59 - 5.1 Vdc
0 A
6 A
92%
±0.2%
±0.5%
LGA10C-00SADJJ
50 W
3 - 14.0 Vdc
0.59 - 5.1 Vdc
0 A
10 A
92%
±0.2%
±0.5%
LGA20C-01SADJJ
100 W
4.5 - 14.0 Vdc
0.59 - 5.1 Vdc
0 A
20 A
91%
±0.2%
±0.5%
Electrical Specifications
Protection
Short circuit
Hiccup, non-latching
Overvoltage
Hiccup, non-latching
Mininum Recommended System
Capacitance
3/6/10 A Model
20 A Model
Short circuit
1 μF
10 μF
Product Family
Rated Output
Current
Rated Output
Current
03 = 3 Amp
06 = 6 Amp
10 = 10 Amp
20 = 20 Amp
Performance
Performance
C = Cost
Optimized
Type of Output
Type of Output
Single Adjustable
Output
Input Voltage
Input Voltage
00 = 3 - 14.0 V
01 = 4.5 - 14.0 V
RoHS Compliance
RoHS Compliance
J = Pb free (RoHS
6/6 compliant)
Model Number System with Options
Options
Options
X = Various
Options (see
Sales Rep)
Heatsink Number System with Options
Product Family
Land Grid Array
Product
Heatsink
Purpose
Heatsink and
Adhesive
Height*
Total Height
(LGA20 + Heatsink)
045 = 0.45"
048 = 0.48"
050 = 0.50"
* Height is the total height of the LGA20C-00SADJJ with heatsink attached.


Similar Part No. - LGA20C-01SADJJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LGA20C-01SADJJ ARTESYN-LGA20C-01SADJJ Datasheet
712Kb / 4P
   15 - 100 Watts POWER
More results

Similar Description - LGA20C-01SADJJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
   10 A Current rating
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
logo
WAGO Kontakttechnik Gmb...
2787-2347 WAGO-2787-2347 Datasheet
226Kb / 9P
   Power supply; Pro 2; 3-phase; 24 VDC output voltage; 20 A output current
18.10.2021
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
logo
Amphenol Corporation
C-L17DM53744206C309 AMPHENOL-C-L17DM53744206C309 Datasheet
112Kb / 1P
   current rating-20 to 30a
C-L17DM53745207C309 AMPHENOL-C-L17DM53745207C309 Datasheet
103Kb / 1P
   current rating-20 to 30a
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
   current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
   current rating-10 to 20a
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com