Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1304F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA1304F
Description  TV-SOUND PROCESSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1304F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA1304F Datasheet HTML 1Page - Toshiba Semiconductor TA1304F Datasheet HTML 2Page - Toshiba Semiconductor TA1304F Datasheet HTML 3Page - Toshiba Semiconductor TA1304F Datasheet HTML 4Page - Toshiba Semiconductor TA1304F Datasheet HTML 5Page - Toshiba Semiconductor TA1304F Datasheet HTML 6Page - Toshiba Semiconductor TA1304F Datasheet HTML 7Page - Toshiba Semiconductor TA1304F Datasheet HTML 8Page - Toshiba Semiconductor TA1304F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TA1304F/N
2001-02-16 4/31
PIN
No.
NAME
FUNCTION
INTERFACE CIRCUIT
7
GND
GND terminal.
9
Bias filter
Filter for noise rejection of the bias.
Connect a capacitor (4.7 µF)
between this terminal and GND.
10
15
Bass LPF (R)
Bass LPF (L)
LPFs for bass control circuits.
Connect capacitors (0.027 µF)
between each terminals and GND.
11
14
Treble HPF (R)
Treble HPF (L)
HPFs for bass control circuits.
Connect capacitors (8200 pF)
between each terminals and GND.
13
12
16
W-ch output
R-ch output
L-ch output
Audio output terminals.
Bass boost function, addition woofer
channel signal to main channel
signals, is available.
Using ALS (Automatic Level
Suppressor), it can reduce distortion
in large signal input condition.


Similar Part No. - TA1304F

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA130-155-49-32 TRANSCOM-TA130-155-49-32 Datasheet
30Kb / 1P
   13 - 15.5 GHz 2W Amplifiers
logo
TAI-SAW TECHNOLOGY CO.,...
TA1300A TAI-SAW-TA1300A Datasheet
481Kb / 6P
   SAW Filter 832 MHz
logo
Transko Electronics, In...
TA1300BP TRANSKO-TA1300BP Datasheet
403Kb / 4P
   Wireless, RF SAW Filter
Revision 0: July 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1301A TAI-SAW-TA1301A Datasheet
480Kb / 6P
   SAW Filter 850 MHz
TA1302A TAI-SAW-TA1302A Datasheet
372Kb / 6P
   SAW Filter 674 MHz
More results

Similar Description - TA1304F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
logo
NXP Semiconductors
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
logo
NXP Semiconductors
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com